Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS1280220ML Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # SS1280220ML
Description  SHIELDED SMD POWER INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS1280220ML Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  SS1280220ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS1280220ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS1280220ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS1280220ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS1280220ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS1280220ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS1280220ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS1280220ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Unit:m/m
( 2 ) Dimensions
Inner : Reel
Series
Q'TY (pcs)
G.W. (gw)
Style
( 3 ) Q'TY & G.W. Per package
AB
G.W. (Kg)
Outer : Carton
Q'TY (PCS)
Style
Size (cm)
CG
D
NT
330
13 - 24
21±0.8
13
-0
26
24
+0
50
30.4
400
SS1280
2,250
13 - 24
40 x 40 x 24
1,600
9.0
SPECIFICATION FOR APPROVAL
REF :
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 4
PROD.
NAME
SS1280□□□□L□-□□□
SHIELDED SMD
POWER INDUCTOR
Components
P:20 m/m
200 m/m Min.
no component
end
Leader
101
400 m/m Min.
User direction of feed
no component
start
4 m/m
101
101
101
Trailer
G
T
C
( 1 ) Configuration
Ⅵ﹒PACKAGING INFORMATION:
2.0±0.5
Carrier tape width : D
Embossed carrier
D
Cover Tape
AR-001A


Similar Part No. - SS1280220ML

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS12 PANJIT-SS12 Datasheet
117Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
SS12 SAMYANG-SS12 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12 PANJIT-SS12 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jing Heng Electro...
SS12 JINGHENG-SS12 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SS12 MCC-SS12 Datasheet
208Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts High Current Capability
More results

Similar Description - SS1280220ML

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com