Electronic Components Datasheet Search |
|
MAX5233EEE+ Datasheet(PDF) 9 Page - Maxim Integrated Products |
|
MAX5233EEE+ Datasheet(HTML) 9 Page - Maxim Integrated Products |
9 / 18 page 3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference _______________________________________________________________________________________ 9 DYNAMIC RESPONSE FALL TIME (MAX5233) MAX5232/MAX5233 toc22 2 μs/div VOUT 1V/div VCS 5V/div 4.096V 5V 0 10mV ANALOG CROSSTALK (MAX5232) MAX5232/MAX5233 toc23 400 μs/div OUTB 5mV/div AC-COUPLED OUTA 2V/div ANALOG CROSSTALK (MAX5233) MAX5232/MAX5233 toc24 400 μs/div OUTB 5mV/div AC-COUPLED OUTA 5V/div DIGITAL FEEDTHROUGH (MAX5232) MAX5232/MAX5233 toc25 10 μs/div OUTA 1mV/div AC-COUPLED SCLK 2V/div DIGITAL FEEDTHROUGH (MAX5233) MAX5232/MAX5233 toc26 10 μs/div OUTA 1mV/div AC-COUPLED SCLK 5V/div MAJOR-CARRY TRANSITION (MAX5232) MAX5232/MAX5233 toc27 2 μs/div OUTA 100mV/div AC-COUPLED CS 5V/div MAJOR-CARRY TRANSITION (MAX5233) MAX5232/MAX5233 toc28 2 μs/div OUTA 100mV/div AC-COUPLED CS 5V/div REFERENCE VOLTAGE vs. TEMPERATURE (MAX5232) TEMPERATURE ( °C) 60 35 10 -15 1.2335 1.2340 1.2345 1.2350 1.2330 -40 85 NO LOAD REFERENCE VOLTAGE vs. TEMPERATURE (MAX5233) TEMPERATURE ( °C) 60 35 10 -15 2.4615 2.4620 2.4625 2.4630 2.4610 -40 85 NO LOAD Typical Operating Characteristics (continued) (VDD = +3V (MAX5232), VDD = +5V (MAX5233), RL = 5kΩ, CL = 100pF, OS_ = AGND, both DACs enabled with full-scale output code, TA = +25°C, unless otherwise noted |
Similar Part No. - MAX5233EEE+ |
|
Similar Description - MAX5233EEE+ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |