Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5547 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5547
Description  Dual, 10-Bit, Current-Sink Output DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5547 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5547_09 Datasheet HTML 1Page - Maxim Integrated Products MAX5547_09 Datasheet HTML 2Page - Maxim Integrated Products MAX5547_09 Datasheet HTML 3Page - Maxim Integrated Products MAX5547_09 Datasheet HTML 4Page - Maxim Integrated Products MAX5547_09 Datasheet HTML 5Page - Maxim Integrated Products MAX5547_09 Datasheet HTML 6Page - Maxim Integrated Products MAX5547_09 Datasheet HTML 7Page - Maxim Integrated Products MAX5547_09 Datasheet HTML 8Page - Maxim Integrated Products MAX5547_09 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Dual, 10-Bit, Current-Sink Output DAC
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7 to +5.25V, VGND = 0V, external reference = +2.5V, output voltage = +2.0V, TA = -40°C to +85°C. Typical values are at
VDD = +3.0V, and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SPI TIMING CHARACTERISTICS (see Figure 1)
SCLK Clock Period
tCP
100
ns
SCLK Pulse-Width High
tCH
40
ns
SCLK Pulse-Width Low
tCL
40
ns
CS Fall to SCLK Fall Setup Time
tCSS
25
ns
SCLK Fall to
CS Rise Hold Time
tCSH
50
ns
DIN to SCLK Fall Setup Time
tDS
40
ns
DIN to SCLK Fall Hold Time
tDH
0ns
CS Pulse-Width High
tCSW
100
ns
Note 1: Devices are 100% production tested at TA = +25°C. Limits over temperature are guaranteed by design.
Note 2: INL linearity is from code 48 to code 1023.
Note 3: Specification based on characterization data. Not production tested.
Note 4: Guaranteed by design. Not production tested.
Note 5: The DACs continue to operate at currents lower than 50µA on the 1.2mA range and 150µA on the 3.6mA range. However,
performance is not guaranteed at these low currents. A code of all zeros has a nominal output current of 0µA.
Note 6: Compliance voltage range is defined as the range where the output current is -2 LSB of its value at VOUT = +1V.
Note 7: Settling time is measured from 0.25 x full scale to 0.75 x full scale.
Note 8: The device draws higher supply current when the digital inputs are driven with voltages between (VDD - 0.5V) and (GND +
0.5V). See Supply Current vs. Digital Input Voltage in the
Typical Operating Characteristics.
Typical Operating Characteristics
(VDD = +3.0V, VGND = 0V, external reference = +2.5V, TA = +25°C, unless otherwise noted.)
INTEGRAL NONLINEARITY
vs. DIGITAL INPUT CODE (1.2mA SETTING)
DIGITAL INPUT CODE
768
512
256
-3
-2
-1
0
1
2
3
4
-4
0
1024
-4
-3
-2
-1
0
1
2
3
4
0
256
512
768
1024
INTEGRAL NONLINEARITY
vs. DIGITAL INPUT CODE (3.6mA SETTING)
DIGITAL INPUT CODE
-1.00
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
0
256
512
768
1024
DIFFERENTIAL NONLINEARITY
vs. DIGITAL INPUT CODE (1.2mA SETTING)
DIGITAL INPUT CODE


Similar Part No. - MAX5547_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5547ETA MAXIM-MAX5547ETA Datasheet
799Kb / 12P
   Dual, 10-Bit, Current-Sink Output DAC
Rev 0; 2/06
More results

Similar Description - MAX5547_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5547 MAXIM-MAX5547 Datasheet
799Kb / 12P
   Dual, 10-Bit, Current-Sink Output DAC
Rev 0; 2/06
MAX5854 MAXIM-MAX5854 Datasheet
446Kb / 18P
   Dual, 10-Bit, 165Msps, Current-Output DAC
Rev 0; 2/04
MAX5550 MAXIM-MAX5550 Datasheet
397Kb / 15P
   Dual, 10-Bit, Programmable, 30mA High-Output-Current DAC
Rev 0; 10/05
MAX5852 MAXIM-MAX5852 Datasheet
1Mb / 18P
   Dual, 8-Bit, 165Msps, Current-Output DAC
Rev 0; 4/04
DS4432 MAXIM-DS4432 Datasheet
217Kb / 9P
   Dual-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 12/08
MAX5548 MAXIM-MAX5548 Datasheet
296Kb / 15P
   Dual, 8-Bit, Programmable, 30mA High-Output-Current DAC
Rev 0; 10/05
logo
Texas Instruments
DAC2932 TI-DAC2932 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Current Output DAC, Four 12-bit Voltage Output DAC-for Tranamit Control
logo
Summit Microelectronics...
SMP9210 SUMMIT-SMP9210 Datasheet
171Kb / 10P
   Dual 10-bit Nonvolatile DAC
logo
Maxim Integrated Produc...
MAX5858 MAXIM-MAX5858 Datasheet
809Kb / 23P
   Dual, 10-Bit, 300Msps, Current-Output DAC with 4x/2x/1x Interpolation Filters
Rev 0; 7/03
logo
Linear Technology
LTC1427-50 LINER-LTC1427-50_15 Datasheet
211Kb / 8P
   Micropower, 10-Bit Current Output DAC with SMBus Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com