Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SU1048470YF Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SU1048470YF
Description  SHIELDED SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SU1048470YF Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SU1048470YF Datasheet HTML 1Page - ABC Taiwan Electronics Corp SU1048470YF Datasheet HTML 2Page - ABC Taiwan Electronics Corp SU1048470YF Datasheet HTML 3Page - ABC Taiwan Electronics Corp SU1048470YF Datasheet HTML 4Page - ABC Taiwan Electronics Corp SU1048470YF Datasheet HTML 5Page - ABC Taiwan Electronics Corp SU1048470YF Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 2
PROD.
NAME
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
AR-001A
@ Inductance VS. DC Superposition Characteristics
10
0.1
0.01
1
100
1000
10
DC Current ( A )
0.1
R80
3R3
1
330
100
151
SHIELDED SMD
POWER INDUCTOR
56.0 ±30%
82.0 ±30%
100.0 ±30%
150.0 ±30%
220.0 ±30%
330.0 ±30%
8.2 ±30%
6.8 ±30%
4.7 ±30%
3.0 ±30%
2.2 ±30%
1.5 ±30%
0.8 ±30%
10.0 ±30%
15.0 ±30%
22.0 ±30%
33.0 ±30%
47.0 ±30%
68.0 ±30%
1)﹒
Packaging Information... A :Bulk B :Taping Reel
3)﹒Inductance Test Freq.:100KHz / 1V
5)﹒Isat base on △L / LOA=35% typ.
6)﹒Irms base on Temp. rise 30℃ max.
SU10486R8YF□
SU1048101YF□
SU1048151YF□
SU1048221YF□
SU1048331YF□
SU1048560YF□
SU1048680YF□
SU1048470YF□
SU1048330YF□
SU1048220YF□
SU1048150YF□
SU1048100YF□
SU10488R2YF□
SU1048820YF□
DWG No.
SU10483R0YF□
SU10482R2YF□
SU10481R5YF□
SU1048R80YF□
SU10484R7YF□
( µH )
Inductance
10
20
4.10
18.0
13.6
4.80
4.5
5
3
20
18
26
24
4
160.0
350.0
235.0
490.0
455.0
640.0
220.0
305.0
16
18
12
14
5.5
24
10
26
24
24
26
7
6
8
30
22
8
26
84.0
63.0
94.0
110.0
127.0
149.0
145.0
170.0
200.0
120.0
18.5
15.0
42.0
29.0
40.0
55.0
25.0
20.0
0.80
0.65
1.00
1.20
0.70
0.52
0.80
1.00
1.70
2.10
1.60
1.30
1.40
1.70
1.40
1.10
1.25
1.50
3.20
2.60
4.50
4.60
2.70
2.00
3.70
3.80
max.
12.5
100
55
30
40
70
SRF
typ.
(MHz)
14
14
12
14
ref.
8
Q
5.8
4.3
7.2
5.3
9.5
10.0
7.2
3.6
typ.
(mΩ)
4.8
RDC
7.20
7.00
6.20
5.50
6.50
6.00
4.75
6.30
(A)
max.
7.80
Irms
(A)
8.50
typ.
Isat
4)﹒Q Test Freq.:R80--25.2MHz , 1R5~8R2--7.96MHz , 100~820--2.52MHz , 101~331--0.796MHz
SU1048□□□□F□-□□□
2) ."-
":Reference code
□ □
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
REF : 20070515-A


Similar Part No. - SU1048470YF

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SU1040100YF ABC-SU1040100YF Datasheet
127Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU1040101YF ABC-SU1040101YF Datasheet
127Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU1040150YF ABC-SU1040150YF Datasheet
127Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU1040220YF ABC-SU1040220YF Datasheet
127Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU1040221YF ABC-SU1040221YF Datasheet
127Kb / 7P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SU1048470YF

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com