Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SU50111R5YL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SU50111R5YL
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SU50111R5YL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SU50111R5YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SU50111R5YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SU50111R5YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SU50111R5YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SU50111R5YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SU50111R5YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SU50111R5YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1000
AR-001A
0.01
0.1
1
10
100
DC Current ( A )
0.1
1R5
1
330
100
4R7
101
10
4)﹒Q Test Freq.:1R5~100--7.96MHz , 150~680--2.52MHz , 101--0.796MHz
Ⅴ﹒ ELECTRICAL CHARACTERISTICS:
SPECIFICATION FOR APPROVAL
POWER INDUCTOR
@ Inductance VS. DC Superposition Characteristics
1)﹒
:Packaging Information... A :Bulk
B :Taping Reel
3)﹒Inductance Test Freq.:100KHz / 0.1V
5)﹒Isat base on △L / LOA=35% max.
6)﹒Irms base on Temp. rise 25℃ max.
Inductance
1.5 ± 30 %
2.5 ± 30 %
3.3 ± 30 %
6.8 ± 30 %
4.7 ± 30 %
22.0 ± 30 %
33.0 ± 30 %
15.0 ± 30 %
10.0 ± 30 %
47.0 ± 30 %
100.0 ± 30 %
68.0 ± 30 %
SU50116R8YL□-□□□
□□
2)﹒"-
":Reference code
SU5011680YL□-□□□
SU5011101YL□-□□□
SU5011470YL□-□□□
SU5011100YL□-□□□
SU5011150YL□-□□□
SU5011330YL□-□□□
SU5011220YL□-□□□
PROD.
NAME
REF :
SU50114R7YL□-□□□
SU50113R3YL□-□□□
SU50112R5YL□-□□□
SU50111R5YL□-□□□
DWG No.
( μH )
SHIELDED SMD
680
820
170
130
8
70
2000
1600
1050
320
500
700
220
50
42
38
30
25
20
15
14
16
30
12
14
14
12
1600
1240
800
250
380
550
170
180
260
220
480
400
300
580
320
260
200
700
500
380
600
SU5011□□□□L□-□□□
max.
42
85
120
68
typ.
( MHz )
SRF
195
85
125
110
8
8
8
8
ref.
Q
32
66
95
52
typ.
( mΩ )
RDC
ABC'S ITEM NO.
ABC'S DWG NO.
1500
940
820
1100
( mA )
max.
Isat
1800
1300
1000
1150
Irms
max.
( mA )
PAGE: 2
20080804-A


Similar Part No. - SU50111R5YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SU5016100YL ABC-SU5016100YL Datasheet
127Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU5016101YL ABC-SU5016101YL Datasheet
127Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU5016150YL ABC-SU5016150YL Datasheet
127Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU50161R8YL ABC-SU50161R8YL Datasheet
127Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU5016220YL ABC-SU5016220YL Datasheet
127Kb / 7P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SU50111R5YL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com