Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SU5018470YL Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SU5018470YL
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SU5018470YL Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SU5018470YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SU5018470YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SU5018470YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SU5018470YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SU5018470YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SU5018470YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SU5018470YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REF :20080804-A
PAGE: 1
SPECIFICATION FOR APPROVAL
PROD.
NAME
ABC'S DWG NO.
ABC'S ITEM NO.
Ⅰ﹒CONFIGURATION & DIMENSIONS:
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅲ﹒MATERIALS:
Ⅳ﹒GENERAL SPECIFICATION:
m/m
A
:
5.20
±0.20
m/m
m/m
m/m
m/m
G
:
2.00
ref.
E
:
1.80
typ.
D
:
1.70
typ.
C
:
1.80
±0.20
d
b
a
c
H
:
3.70
ref.
I
:
1.10
ref.
m/m
m/m
B
:
5.20
±0.20
( PCB Pattern Suggestion )
LCR Meter
AR-001A
F
F
:
3.90
typ.
m/m
A
I
G
I
H
e﹒Terminal:Ag/Ni/Sn
d﹒Adhesive :Epoxy resin
b﹒Core:Ferrite RI core
c﹒Wire :Enamelled copper wire (class F & H)
a﹒Core:Ferrite DR core
SU5018□□□□L□-□□□
SHIELDED SMD
POWER INDUCTOR
e
b﹒Rated current:
d﹒Operating temp.:-40℃----+105℃
c﹒Storage temp.:-40℃ ----+125℃
a﹒Temp. rise :30℃ max.
e﹒Resistance to solder heat:260℃.10 secs.
Base on temp. rise &
L / L0A=35% typ.
50sec max.
200
100
0
50
50
150
200
250
Time ( seconds )
100
150
70s ec max.
150 ~ 200
/ 60 ~ 120sec
Preheat Area
Max time above 200℃ :70sec max.
Max time above 230℃ :50sec max.
Peak Temp:260℃ max.
Rising Area
Temperature
+4.0
/ sec max.
/ sec max.
+2.0 ~ 4.0℃
Reflow Area
260
250
230
Forced Cooling Area
-(1.0 ~ 5.0)
/ sec max.
P eak Temperature:
m/m
f﹒Remark:Products comply with RoHS'
requirements


Similar Part No. - SU5018470YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SU5011100YL ABC-SU5011100YL Datasheet
137Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU5011101YL ABC-SU5011101YL Datasheet
137Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU5011150YL ABC-SU5011150YL Datasheet
137Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU50111R5YL ABC-SU50111R5YL Datasheet
137Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU5011220YL ABC-SU5011220YL Datasheet
137Kb / 7P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SU5018470YL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com