Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65846S2000X000 Datasheet(PDF) 2 Page - EPCOS

Part # B65846S2000X000
Description  Ferrites and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65846S2000X000 Datasheet(HTML) 2 Page - EPCOS

  B65846S2000X000 Datasheet HTML 1Page - EPCOS B65846S2000X000 Datasheet HTML 2Page - EPCOS B65846S2000X000 Datasheet HTML 3Page - EPCOS B65846S2000X000 Datasheet HTML 4Page - EPCOS B65846S2000X000 Datasheet HTML 5Page - EPCOS B65846S2000X000 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
10/09
Please read Cautions and warnings and
Important notes at the end of this document.
To IEC 61596
For transformers featuring high inductance
and low overall height
For power applications
Delivery mode: sets
Magnetic characteristics (per set)
l/A = 0.84 mm–1
le
= 28.5 mm
Ae
= 33.9 mm2
Amin = 25.5 mm2
Ve
= 966 mm3
Approx. weight 12 g/set
Ungapped
Material
AL value
nH
e
PV
W/set
Ordering code
N30
4300 +30/–20% 2870
B65845J0000R030
T65
6200 +30/–20% 4150
B65845J0000R065
T38
10800 +40/–30% 7220
B65845J0000Y038
T66
13000 +40/–30% 8700
B65845J0000Y066
N87
2400 +30/–20% 1600
< 0.4 (200 mT, 100 kHz, 100 °C)
B65845J0000R087
FEP0027-X
7,5
0,35
11,6+0,8
5,85 _
18,4 0,8
_
gapped (one-sided)
∗)
B65845
Core
EP 17


Similar Part No. - B65846S2000X000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65846S2000X000 EPCOS-B65846S2000X000 Datasheet
260Kb / 9P
   Ferrites and accessories
More results

Similar Description - B65846S2000X000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com