Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5661 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5661
Description  Single 16-Bit DAC with Current and Voltage Outputs for Industrial Analog Output Modules
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5661 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5661 Datasheet HTML 2Page - Maxim Integrated Products MAX5661 Datasheet HTML 3Page - Maxim Integrated Products MAX5661 Datasheet HTML 4Page - Maxim Integrated Products MAX5661 Datasheet HTML 5Page - Maxim Integrated Products MAX5661 Datasheet HTML 6Page - Maxim Integrated Products MAX5661 Datasheet HTML 7Page - Maxim Integrated Products MAX5661 Datasheet HTML 8Page - Maxim Integrated Products MAX5661 Datasheet HTML 9Page - Maxim Integrated Products MAX5661 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Single 16-Bit DAC with Current and Voltage
Outputs for Industrial Analog Output Modules
6
________________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Leakage Current
FAULT only
0.1
2
µA
Three-State Output Leakage Current
DOUT only
±0.1
±2
µA
POWER SUPPLIES (see Table 16)
VCC Supply Range
VCC
+4.75
+5.25
V
Only OUTV powered
+13.48
+15.75
Only OUTI powered
AGND
VDDV Supply Range
VDDV
Both OUTV and OUTI powered
+13.48
+15.75
V
Only OUTV powered
-15.75
-13.48
Only OUTI powered
AGND
VSSV Supply Range
VSSV
Both OUTV and OUTI powered
-15.75
-13.48
V
Only OUTV powered
VDDV
Only OUTI powered
+13.48
+40.00
VDDI Supply Range
VDDI
Both OUTV and OUTI powered
VDDV
+40
V
Only OUTV powered
VDDV
Only OUTI powered
VDDI
VDDCORE Supply Range
VDDCORE
Both OUTV and OUTI powered
VDDV
V
IVDDV +
IVDDI +
IVDDCORE
4.5
6.5
IVSSV
-5
-2.5
IAGND
-3.0
-1.6
Analog and Digital Supply
Currents (OUTV Active)
IVCC
OUTV powered, VDDV = VDDI = VDDCORE
= +15.75V, VSSV = -15.75V, VCC = +5.25V,
OUTV unloaded, all ditgital inputs at VCC or
DGND
0.03
0.2
mA
IVDDV +
IVDDI +
IVDDCORE
2.8
5.5
IVSSV
-1.0
-0.03
IAGND
-4.0
-2.1
Analog and Digital Supply
Currents (OUTI Active), 0 to
20mA Mode
IVCC
OUTI powered, VDDV = VSSV = AGND,
VDDI = VDDCORE = +12V to +40V, VCC =
+5.25V, zero code
0.03
0.2
mA
IVDDV +
IVDDI +
IVDDCORE
6.8
9.5
IVSSV
-1.0
-0.03
IAGND
-4.0
-2.1
Analog and Digital Supply
Currents (OUTI Active), 4–20mA
Mode
IVCC
OUTI powered, VDDV = VSSV = AGND,
VDDI = VDDCORE = +12V to +40V, VCC =
+5.25V, zero code
0.03
0.2
mA
IVDDV +
IVDDCORE
4.2
6
IVSSV
-4.0
2.6
IAGND
-4.0
-2.0
IVCC
Both OUTV and OUTI powered, VDDV =
VDDCORE = +15.75V, VSSV = -15.75V, VDDI =
+40V, VCC = +5.25V, OUTV unloaded at zero
code, all ditgital inputs at VCC or DGND
0.03
0.2
IVDDI
0 to 20mA at zero code
1.3
2
Analog and Digital Supply
Currents (Either OUTV or OUTI
Active)
IVDDI
4–20mA at zero code
5.3
6.5
mA
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, CCOMPI = 22nF, VDDV = VDDCORE = +15V, VSSV = -15V, VDDI = +24V, VREF = +4.096V, VAGND = VDGND = VDUTGND =
VDACGND = 0V, RSERIES = 47Ω, OUTV loaded with 2kΩ || 100pF to AGND, OUTI loaded with 500Ω to AGND, TA = -40°C to +105°C,
unless otherwise noted. Typical values are at TA = +25°C. See the Typical Operating Circuit.) (Note 1)


Similar Part No. - MAX5661

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5661 MAXIM-MAX5661 Datasheet
306Kb / 13P
   MAX5661 Evaluation Kit/Evaluation System
Rev 0; 3/09
MAX5661 MAXIM-MAX5661 Datasheet
306Kb / 13P
   Windows 98SE/2000/XP-Compatible Evaluation Software
Rev 0; 3/09
MAX5661EVCMAXQU MAXIM-MAX5661EVCMAXQU Datasheet
306Kb / 13P
   Windows 98SE/2000/XP-Compatible Evaluation Software
Rev 0; 3/09
MAX5661EVCMAXQU++ MAXIM-MAX5661EVCMAXQU+ Datasheet
306Kb / 13P
   Windows 98SE/2000/XP-Compatible Evaluation Software
Rev 0; 3/09
MAX5661EVKIT MAXIM-MAX5661EVKIT Datasheet
306Kb / 13P
   MAX5661 Evaluation Kit/Evaluation System
Rev 0; 3/09
More results

Similar Description - MAX5661

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5758 AD-AD5758 Datasheet
2Mb / 72P
   Single-Channel, 16-Bit Current and Voltage Output DAC
AD5753 AD-AD5753 Datasheet
2Mb / 72P
   Single-Channel, 16-Bit Current and Voltage DAC
logo
Grayhill, Inc
73G-OV5 GRAYHILL-73G-OV5 Datasheet
114Kb / 2P
   Analog Voltage and Current Output Modules
logo
Analog Devices
ADFS5758 AD-ADFS5758 Datasheet
2Mb / 75P
   Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
Rev. 0
AD7846 AD-AD7846 Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
AD5413 AD-AD5413 Datasheet
1Mb / 49P
   Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
Rev. 0
AD5422 AD-AD5422 Datasheet
326Kb / 37P
   Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
AD5412 AD-AD5412 Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD7846 AD-AD7846_10 Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
DAC16 AD-DAC16 Datasheet
190Kb / 12P
   16-Bit High Speed Current-Output DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com