Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65843A0000R030 Datasheet(PDF) 2 Page - EPCOS

Part # B65843A0000R030
Description  Ferrites and accessories
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65843A0000R030 Datasheet(HTML) 2 Page - EPCOS

  B65843A0000R030 Datasheet HTML 1Page - EPCOS B65843A0000R030 Datasheet HTML 2Page - EPCOS B65843A0000R030 Datasheet HTML 3Page - EPCOS B65843A0000R030 Datasheet HTML 4Page - EPCOS B65843A0000R030 Datasheet HTML 5Page - EPCOS B65843A0000R030 Datasheet HTML 6Page - EPCOS B65843A0000R030 Datasheet HTML 7Page - EPCOS B65843A0000R030 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
10/09
Please read Cautions and warnings and
Important notes at the end of this document.
To IEC 61596
For transformers featuring high inductance
and low overall height
For power applications
Delivery mode: sets
Magnetic characteristics (per set)
l/A = 1.24 mm–1
le
= 24.2 mm
Ae
= 19.5 mm2
Amin = 14.9 mm2
Ve
= 472 mm3
Approx. weight 4.5 g/set
Gapped
Material
AL value
nH
s
approx.
mm
e
Ordering code
T38
63
3%
0.39
62
B65843A0063A038
100
3%
0.24
99
B65843A0100A038
160
4%
0.15
158
B65843A0160B038
200
4%
0.12
198
B65843A0200B038
250
5%
0.10
247
B65843A0250J038
315
6%
0.08
311
B65843A0315C038
400
7%
0.06
395
B65843A0400E038
T57
63
3%
0.38
62
B65843A0063A057
100
3%
0.24
99
B65843A0100A057
160
4%
0.15
158
B65843A0160B057
200
4%
0.12
198
B65843A0200B057
250
5%
0.09
247
B65843A0250J057
315
6%
0.07
311
B65843A0315C057
400
7%
0.06
395
B65843A0400E057
T66
63
3%
0.39
62
B65843A0063A066
100
3%
0.24
99
B65843A0100A066
160
4%
0.15
158
B65843A0160B066
200
4%
0.12
198
B65843A0200B066
250
5%
0.10
247
B65843A0250J066
315
6%
0.08
311
B65843A0315C066
400
7%
0.06
395
B65843A0400E066
FEP0017-A
5,5
9,7+0,6
4,5 0,3
_
12,8 _0,6
gapped (one-sided)
∗)
B65843A
Core
EP 13


Similar Part No. - B65843A0000R030

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65843A0000R030 EPCOS-B65843A0000R030 Datasheet
337Kb / 11P
   Ferrites and accessories
logo
TDK Electronics
B65843A0000R030 TDK-B65843A0000R030 Datasheet
191Kb / 11P
   Ferrites and accessories
More results

Similar Description - B65843A0000R030

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com