Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SU60133R3YF Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SU60133R3YF
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SU60133R3YF Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SU60133R3YF Datasheet HTML 1Page - ABC Taiwan Electronics Corp SU60133R3YF Datasheet HTML 2Page - ABC Taiwan Electronics Corp SU60133R3YF Datasheet HTML 3Page - ABC Taiwan Electronics Corp SU60133R3YF Datasheet HTML 4Page - ABC Taiwan Electronics Corp SU60133R3YF Datasheet HTML 5Page - ABC Taiwan Electronics Corp SU60133R3YF Datasheet HTML 6Page - ABC Taiwan Electronics Corp SU60133R3YF Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REF :20080804-A
PAGE: 1
SPECIFICATION FOR APPROVAL
PROD.
NAME
ABC'S DWG NO.
ABC'S ITEM NO.
SU6013□□□□F□-□□□
SHIELDED SMD
POWER INDUCTOR
AR-001A
+4.0
/ sec max.
Temperature
Rising Area
Peak Temp:260℃ max.
Max time above 230℃ :50sec max.
Max time above 200℃ :70sec max.
Ⅲ﹒MATERIALS:
Base on temp. rise &
L / L0A=35% typ.
e﹒Resistance to solder heat:260℃.10 secs.
a﹒Temp. rise :40℃ typ.
c﹒Storage temp.:-40℃ ----+125℃
d﹒Operating temp.:-40℃----+105℃
a﹒Core:Ferrite DR core
c﹒Wire :Enamelled copper wire (class F & H)
d﹒Adhesive :Epoxy resin
Ⅳ﹒GENERAL SPECIFICATION:
b﹒Rated current:
b﹒Core:Ferrite RI core
e﹒Terminal:Ag/Ni/Sn
100
0
50
150
250
200
Ⅰ﹒CONFIGURATION & DIMENSIONS:
c
a
Reflow Area
+2.0 ~ 4.0℃
/ sec max.
70sec max.
50sec max.
100
50
Time ( seconds )
150
Preheat Area
150 ~ 200
/ 60 ~ 120sec
e
260℃
200
250
230℃
Peak Temperature:
-(1.0 ~ 5.0)
/ sec max.
Forced Cooling Area
d
b
A
Ⅱ . SCHEMATIC DIAGRAM:
( PCB Pattern suggestion )
I
H
I
G
or
:
6.20
±0.30
m/m
:
6.50
±0.30
B
m/m
:
1.40
±0.20
m/m
C
:
2.15
typ
D
m/m
:
2.20
typ
E
m/m
:
4.90
typ
F
m/m
:
2.40
ref
G
m/m
:
4.90
ref
H
m/m
I
:
1.10
ref
m/m
F
B
White
Marking
f﹒Remark:Products comply with RoHS'
requirements


Similar Part No. - SU60133R3YF

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SU6011100YF ABC-SU6011100YF Datasheet
135Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU6011150YF ABC-SU6011150YF Datasheet
135Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU60111R4YF ABC-SU60111R4YF Datasheet
135Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU6011220YF ABC-SU6011220YF Datasheet
135Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU60112R7YF ABC-SU60112R7YF Datasheet
135Kb / 7P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SU60133R3YF

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com