Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5969A Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5969A
Description  IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5969A Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5969A Datasheet HTML 2Page - Maxim Integrated Products MAX5969A Datasheet HTML 3Page - Maxim Integrated Products MAX5969A Datasheet HTML 4Page - Maxim Integrated Products MAX5969A Datasheet HTML 5Page - Maxim Integrated Products MAX5969A Datasheet HTML 6Page - Maxim Integrated Products MAX5969A Datasheet HTML 7Page - Maxim Integrated Products MAX5969A Datasheet HTML 8Page - Maxim Integrated Products MAX5969A Datasheet HTML 9Page - Maxim Integrated Products MAX5969A Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
IEEE 802.3af/at-Compliant, Powered Device Interface
Controllers with Integrated Power MOSFET
6 ______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = (VDD - VSS) = 54V, RDET = 24.9kω, RCLS = 615ω. RTN, WAD, PG, and 2EC unconnected; all voltages are referenced to VSS.)
INRUSH CONTROL WAVEFORM WITH
TYPE 2 CLASSIFICATION
MAX5969A toc10
0V
0V
0A
0V
VRTN
50V/div
IRTN
100mA/div
VDD
50V/div
V2EC
50V/div
200
µs/div
USING TYPICAL APPLICATION CIRCUIT
2EC PULLED UP TO VDD WITH 10kI
ENTERING POWER MODE WITH
TYPE 2 CLASSIFICATION
MAX5969A toc11
VPG
10V/div
0V
0V
0V
0A
0V
VRTN
50V/div
IRTN
200mA/div
VDD
50V/div
20ms/div
V2EC
40V/div
USING TYPICAL APPLICATION CIRCUIT
2EC PULLED UP TO VDD WITH 10kI


Similar Part No. - MAX5969A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5969A MAXIM-MAX5969A Datasheet
1Mb / 11P
   IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 10/11
MAX5969A MAXIM-MAX5969A Datasheet
828Kb / 9P
   PD Detection and Configurable Classification Signatures
Rev 0; 3/10
MAX5969A MAXIM-MAX5969A Datasheet
713Kb / 15P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
2015
MAX5969AETB++ MAXIM-MAX5969AETB+ Datasheet
713Kb / 15P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
2015
MAX5969AEVKIT MAXIM-MAX5969AEVKIT Datasheet
1Mb / 11P
   IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 10/11
More results

Similar Description - MAX5969A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5969A MAXIM-MAX5969A_V01 Datasheet
713Kb / 15P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
2015
MAX5969D MAXIM-MAX5969D Datasheet
1Mb / 16P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controller with Integrated Power MOSFET
19-5926; Rev 0; 6/11
MAX5972A MAXIM-MAX5972A Datasheet
1Mb / 13P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controller with Integrated Power MOSFET
Rev 1; 2/10
MAX5981A MAXIM-MAX5981A Datasheet
1Mb / 16P
   IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 2; 8/11
MAX5982A MAXIM-MAX5982A Datasheet
1Mb / 17P
   IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 0; 6/11
logo
MPS Industries, Inc.
MP8020 MPSIND-MP8020 Datasheet
2Mb / 27P
   IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
Rev. 1.0 2/17/2022
logo
Maxim Integrated Produc...
MAX5995A MAXIM-MAX5995A_V01 Datasheet
1Mb / 28P
   IEEE 802.3bt-Compliant, Powered Device Interface Controllers with Integrated 91W High-Power MOSFET
2019
logo
Texas Instruments
TPS2377PWR TI-TPS2377PWR Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375DR TI-TPS2375DR Datasheet
959Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375 TI-TPS2375 Datasheet
433Kb / 21P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com