Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6697 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6697
Description  7-Channel Precision Temperature Monitor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6697 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6697_09 Datasheet HTML 2Page - Maxim Integrated Products MAX6697_09 Datasheet HTML 3Page - Maxim Integrated Products MAX6697_09 Datasheet HTML 4Page - Maxim Integrated Products MAX6697_09 Datasheet HTML 5Page - Maxim Integrated Products MAX6697_09 Datasheet HTML 6Page - Maxim Integrated Products MAX6697_09 Datasheet HTML 7Page - Maxim Integrated Products MAX6697_09 Datasheet HTML 8Page - Maxim Integrated Products MAX6697_09 Datasheet HTML 9Page - Maxim Integrated Products MAX6697_09 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Detailed Description
The MAX6697 is a precision multichannel temperature
monitor that features one local and six remote tempera-
ture-sensing channels with a programmable alert
threshold for each temperature channel and a program-
mable overtemperature threshold for channels 1, 4, 5,
and 6 (see Figure 1). Communication with the MAX6697
is achieved through the SMBus serial interface and a
dedicated alert pin. The alarm outputs,
OVERT and
ALERT, assert if the software-programmed temperature
thresholds are exceeded.
ALERT typically serves as an
interrupt, while
OVERT can be connected to a fan, sys-
tem shutdown, or other thermal-management circuitry.
ADC Conversion Sequence
In the default conversion mode, the MAX6697 starts the
conversion sequence by measuring the temperature on
channel 1, followed by 2, 3, local channel, 4, 5, and 6.
The conversion result for each active channel is stored
in the corresponding temperature data register.
In some systems, one of the remote thermal diodes may
be monitoring a location that experiences temperature
changes that occur much more rapidly than in the other
channels. If faster temperature changes must be moni-
tored in one of the temperature channels, the MAX6697
allows channel 1 to be monitored at a faster rate than
the other channels. In this mode (set by writing a 1 to bit
4 of the configuration 1 register), measurements of
channel 1 alternate with measurements of the other
channels. The sequence becomes channel 1, channel
2, channel 1, channel 3, channel 1, etc. Note that the
time required to measure all seven channels is consid-
erably greater in this mode than in the default mode.
Low-Power Standby Mode
Standby mode reduces the supply current to less than
15µA by disabling the internal ADC. Enter standby by
setting the STOP bit to 1 in the configuration 1 register.
During standby, data is retained in memory, and the
SMBus interface is active and listening for SMBus com-
mands. The timeout is enabled if a start condition is rec-
ognized on SMBus. Activity on the SMBus causes the
supply current to increase. If a standby command is
received while a conversion is in progress, the conver-
sion cycle is interrupted, and the temperature registers
are not updated. The previous data is not changed and
remains available.
7-Channel Precision Temperature Monitor
6
_______________________________________________________________________________________
PIN
NAME
FUNCTION
9
DXP5
Combined Current Source and A/D Positive Input for Channel 5 Remote Diode. Connect to the anode
of a remote-diode-connected temperature-sensing transistor. Leave floating or connect to VCC if no
remote diode is used. Place a 2200pF capacitor between DXP5 and DXN5 for noise filtering.
10
DXN5
Cathode Input for Channel 5 Remote Diode. Connect the cathode of the channel 1 remote-diode-
connected transistor to DXN5.
11
DXN6
Cathode Input for Channel 6 Remote Diode. Connect the cathode of the channel 1 remote-diode-
connected transistor to DXN6.
12
DXP6
Combined Current Source and A/D Positive Input for Channel 6 Remote Diode. Connect to the anode
of a remote-diode-connected temperature-sensing transistor. Leave floating or connect to VCC if no
remote diode is used. Place a 2200pF capacitor between DXP6 and DXN6 for noise filtering.
13, 14
NC_
No Connect. Must be connected to ground.
15
OVERT
Overtemperature Active-Low, Open-Drain Output. OVERT asserts low when the temperature of
channels 1, 4, 5, and 6 exceeds the programmed threshold limit.
16
VCC
Supply Voltage Input. Bypass to GND with a 0.1µF capacitor.
17
ALERT
SMBus Alert (Interrupt), Active-Low, Open-Drain Output. ALERT asserts low when the temperature of
any channel exceeds the programmed ALERT threshold.
18
SMBDATA
SMBus Serial-Data Input/Output. Connect to a pullup resistor.
19
SMBCLK
SMBus Serial-Clock Input. Connect to a pullup resistor.
20
GND
Ground
Pin Description (continued)


Similar Part No. - MAX6697_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6697EP MAXIM-MAX6697EP Datasheet
288Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 0; 1/05
MAX6697EP34 MAXIM-MAX6697EP34 Datasheet
288Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 0; 1/05
MAX6697EP38 MAXIM-MAX6697EP38 Datasheet
288Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 0; 1/05
MAX6697EP99 MAXIM-MAX6697EP99 Datasheet
288Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 0; 1/05
MAX6697EP9C MAXIM-MAX6697EP9C Datasheet
288Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 0; 1/05
More results

Similar Description - MAX6697_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6689 MAXIM-MAX6689 Datasheet
341Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 0; 5/06
MAX6697 MAXIM-MAX6697 Datasheet
288Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 0; 1/05
MAX6689 MAXIM-MAX6689_07 Datasheet
234Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 1; 8/07
MAX6636 MAXIM-MAX6636 Datasheet
201Kb / 18P
   7-Channel Precision Temperature Monitor
Rev 0; 12/07
MAX6693 MAXIM-MAX6693 Datasheet
172Kb / 19P
   7-Channel Precision Temperature Monitor with Beta Compensation
Rev 0; 5/08
MAX6699 MAXIM-MAX6699 Datasheet
310Kb / 19P
   5-Channel Precision Temperature Monitor
Rev 0; 12/05
MAX6622 MAXIM-MAX6622 Datasheet
195Kb / 18P
   5-Channel Precision Temperature Monitor
Rev 0; 12/07
MAX6602 MAXIM-MAX6602 Datasheet
608Kb / 18P
   Five-Channel Precision Temperature Monitor
Rev 0; 7/06
MAX6602 MAXIM-MAX6602_07 Datasheet
207Kb / 18P
   Five-Channel Precision Temperature Monitor
Rev 1; 8/07
MAX6699 MAXIM-MAX6699_07 Datasheet
301Kb / 19P
   5-Channel Precision Temperature Monitor
Rev 2; 7/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com