Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SU80583R9YF Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SU80583R9YF
Description  SHIELDED SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SU80583R9YF Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SU80583R9YF Datasheet HTML 1Page - ABC Taiwan Electronics Corp SU80583R9YF Datasheet HTML 2Page - ABC Taiwan Electronics Corp SU80583R9YF Datasheet HTML 3Page - ABC Taiwan Electronics Corp SU80583R9YF Datasheet HTML 4Page - ABC Taiwan Electronics Corp SU80583R9YF Datasheet HTML 5Page - ABC Taiwan Electronics Corp SU80583R9YF Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SU8058□□□□F□-□□□
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
e﹒Terminal:Ag/Ni/Sn
c﹒Wire :Enamelled copper wire ( Class F )
a﹒Core:Ferrite DR core
b﹒Core:Ferrite RI core
d﹒Adhesive :Epoxy resin
e﹒Resistance to solder heat:260℃.10 secs.
d﹒Operating temp.:-40℃----+105℃
c﹒Storage temp.:-40℃ ----+125℃
a﹒Temp. rise :40℃ typ.
Ⅳ﹒
GENERAL SPECIFICATION:
Ⅲ﹒
MATERIALS:
AR-001A
SHIELDED SMD
Ⅱ﹒
SCHEMATIC DIAGRAM:
Ⅰ﹒
CONFIGURATION & DIMENSIONS:
NAME
PROD.
REF :
I :
1.40 ref.
H :
6.20 ref.
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
POWER INDUCTOR
F :
6.40 typ.
B :
8.00 ±0.3
C :
5.80 ±0.3
D :
2.40 typ.
E :
3.20 typ.
A :
8.00 ±0.3
G :
3.40 ref.
PAGE: 1
200
-(1.0 ~ 5.0)
/ sec max.
Forced Cooling Area
200
250
150
100
100
0
50
50
Time ( seconds )
150
70sec max.
50sec max.
Preheat Area
150 ~ 200
/ 60 ~ 120sec
+4.0
/ sec max.
Temperature
Rising Area
Reflow Area
+2.0 ~ 4.0℃
/ sec max.
Peak Temperature:
250
260
230
Max time above 200℃ :70sec max.
Max time above 230℃ :50sec max.
Peak Temp:260℃ max.
I
( PCB Pattern suggestion )
or
H
I
G
b﹒Rated current:
Base on temp. rise &
L / L0A=35% typ.
b
a
e
d
c
f﹒Remark:Products comply with RoHS'
requirements
A
F
White
Marking


Similar Part No. - SU80583R9YF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU8000RT3U ETC2-SU8000RT3U Datasheet
540Kb / 8P
   SmartOnline 8kVA On-Line Double-Conversion UPS, 6U Rack/Tower, 200-240V NEMA outlets
SU8000RT3U1TF ETC2-SU8000RT3U1TF Datasheet
544Kb / 8P
   SmartOnline 8kVA On-Line Double-Conversion UPS, 8U Rack/Tower, 208/120V NEMA outlets
logo
Tripp Lite. All Rights ...
SU8000RT3U1TF TRIPPLITE-SU8000RT3U1TF_15 Datasheet
536Kb / 6P
   SmartOnline 208/120V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 8U Rack/Tower, Bypass Switch
SU8000RT3UG TRIPPLITE-SU8000RT3UG Datasheet
548Kb / 6P
   SmartOnline 200-240V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, Bypass Switch, C19 Outlets
logo
List of Unclassifed Man...
SU8000RT3UHW ETC2-SU8000RT3UHW Datasheet
549Kb / 8P
   SmartOnline 8kVA On-Line Double-Conversion UPS, 6U Rack/Tower, 200-240V Hardwire output
More results

Similar Description - SU80583R9YF

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com