Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SU80306R8YF Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SU80306R8YF
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SU80306R8YF Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SU80306R8YF Datasheet HTML 1Page - ABC Taiwan Electronics Corp SU80306R8YF Datasheet HTML 2Page - ABC Taiwan Electronics Corp SU80306R8YF Datasheet HTML 3Page - ABC Taiwan Electronics Corp SU80306R8YF Datasheet HTML 4Page - ABC Taiwan Electronics Corp SU80306R8YF Datasheet HTML 5Page - ABC Taiwan Electronics Corp SU80306R8YF Datasheet HTML 6Page - ABC Taiwan Electronics Corp SU80306R8YF Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AR-001A
POWER INDUCTOR
10
10
12
18
18
18
16
16
16
24
ref.
Q
Ⅴ﹒ ELECTRICAL CHARACTERISTICS:
5)﹒Irms base on Temp. rise 40℃ typ.
3)﹒Inductance Test Freq.:100KHz / 0.1V
1)﹒
:Packaging Information... A :Bulk B :Taping Reel
SPECIFICATION FOR APPROVAL
4)﹒Isat base on △L / L0A=35% typ.
SU8030101YF□-□□□
SU8030680YF□-□□□
SU8030470YF□-□□□
SU8030330YF□-□□□
SU8030220YF□-□□□
SU8030150YF□-□□□
47.0±30%
68.0±30%
100.0±30%
15.0±30%
22.0±30%
33.0±30%
REF :
PROD.
NAME
SU8030100YF□-□□□
SU80306R8YF□-□□□
SU80304R7YF□-□□□
SU80303R3YF□-□□□
DWG No.
3.3±30%
4.7±30%
6.8±30%
10.0±30%
Inductance
( μH )
SHIELDED SMD
100
2.52
100
100
100
0.796
2.52
100
100
2.52
2.52
2.52
12.0
205.0
7.0
9.0
415.0
250.0
16.0
14.0
20.0
105.0
144.0
75.0
2.00
1.75
0.96
1.25
1.45
0.75
1.45
260.0
520.0
315.0
0.85
1.25
130.0
180.0
100.0
2.00
1.60
2.20
SU8030□□□□F□-□□□
RDC
( mΩ )
Q(MHz)
7.96
100
100
100
100
7.96
2.52
7.96
L(KHz)
Test Freq.
55.0
15.6
30.0
25.0
42.0
34.5
47.3
22.0
( MHz )
typ.
SRF
typ.
ABC'S DWG NO.
ABC'S ITEM NO.
Isat
4.60
3.20
2.60
3.80
( A )
5.00
22.0
46.0
60.0
30.0
3.60
3.00
4.60
max.
( A )
Irms
PAGE: 2
101
100
0.01
0.1
1
10
DC Current ( A )
0.1
1
10
3R3
100
470
@ Inductance VS. DC Superposition Characteristics
1000
2)﹒"-
":Reference code
20080804-A


Similar Part No. - SU80306R8YF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU8000RT3U ETC2-SU8000RT3U Datasheet
540Kb / 8P
   SmartOnline 8kVA On-Line Double-Conversion UPS, 6U Rack/Tower, 200-240V NEMA outlets
SU8000RT3U1TF ETC2-SU8000RT3U1TF Datasheet
544Kb / 8P
   SmartOnline 8kVA On-Line Double-Conversion UPS, 8U Rack/Tower, 208/120V NEMA outlets
logo
Tripp Lite. All Rights ...
SU8000RT3U1TF TRIPPLITE-SU8000RT3U1TF_15 Datasheet
536Kb / 6P
   SmartOnline 208/120V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 8U Rack/Tower, Bypass Switch
SU8000RT3UG TRIPPLITE-SU8000RT3UG Datasheet
548Kb / 6P
   SmartOnline 200-240V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, Bypass Switch, C19 Outlets
logo
List of Unclassifed Man...
SU8000RT3UHW ETC2-SU8000RT3UHW Datasheet
549Kb / 8P
   SmartOnline 8kVA On-Line Double-Conversion UPS, 6U Rack/Tower, 200-240V Hardwire output
More results

Similar Description - SU80306R8YF

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com