Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SU80456R2YF Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SU80456R2YF
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SU80456R2YF Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SU80456R2YF Datasheet HTML 1Page - ABC Taiwan Electronics Corp SU80456R2YF Datasheet HTML 2Page - ABC Taiwan Electronics Corp SU80456R2YF Datasheet HTML 3Page - ABC Taiwan Electronics Corp SU80456R2YF Datasheet HTML 4Page - ABC Taiwan Electronics Corp SU80456R2YF Datasheet HTML 5Page - ABC Taiwan Electronics Corp SU80456R2YF Datasheet HTML 6Page - ABC Taiwan Electronics Corp SU80456R2YF Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AR-001A
POWER INDUCTOR
10
10
12
16
18
14
12
8
20
ref.
Q
Ⅴ﹒ ELECTRICAL CHARACTERISTICS:
5)﹒Irms base on Temp. rise 40℃ typ.
3)﹒Inductance Test Freq.:100KHz / 0.1V
1)﹒
:Packaging Information... A :Bulk B :Taping Reel
SPECIFICATION FOR APPROVAL
4)﹒Isat base on △L / L0A=35% typ.
SU8045101YF□-□□□
SU8045680YF□-□□□
SU8045470YF□-□□□
SU8045330YF□-□□□
SU8045220YF□-□□□
SU8045100YF□-□□□
47.0±30%
68.0±30%
100.0±30%
10.0±30%
22.0±30%
33.0±30%
REF :
PROD.
NAME
SU80456R2YF□-□□□
SU80454R7YF□-□□□
SU80453R5YF□-□□□
DWG No.
3.5±30%
4.7±30%
6.2±30%
Inductance
( μH )
SHIELDED SMD
100
2.52
100
100
100
0.796
2.52
100
100
2.52
2.52
2.52
6.0
215.0
3.0
4.0
400.0
320.0
12.0
8.0
18.0
94.0
118.0
35.0
3.30
2.15
1.20
1.40
1.80
0.92
1.45
270.0
500.0
400.0
1.00
1.25
122.0
150.0
48.0
2.25
2.00
3.50
SU8045□□□□F□-□□□
RDC
( mΩ )
Q(MHz)
7.96
100
100
100
7.96
7.96
L(KHz)
Test Freq.
45.0
18.8
23.0
30.0
28.5
22.0
( MHz )
typ.
SRF
typ.
ABC'S DWG NO.
ABC'S ITEM NO.
Isat
5.00
3.80
4.40
( A )
5.00
25.0
36.0
27.5
4.20
4.60
max.
( A )
Irms
PAGE: 2
101
100
0.01
0.1
1
10
DC Current ( A )
0.1
1
10
3R5
100
470
@ Inductance VS. DC Superposition Characteristics
1000
2)﹒"-
":Reference code
20080805-A


Similar Part No. - SU80456R2YF

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SU8040100YF ABC-SU8040100YF Datasheet
136Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU8040101YF ABC-SU8040101YF Datasheet
136Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU8040150YF ABC-SU8040150YF Datasheet
136Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU8040151YF ABC-SU8040151YF Datasheet
136Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU8040220YF ABC-SU8040220YF Datasheet
136Kb / 7P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SU80456R2YF

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com