Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW160822NJL Datasheet(PDF) 8 Page - ABC Taiwan Electronics Corp

Part # SW160822NJL
Description  WOUND CHIP INDUCTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SW160822NJL Datasheet(HTML) 8 Page - ABC Taiwan Electronics Corp

  SW160822NJL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SW160822NJL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SW160822NJL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SW160822NJL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SW160822NJL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SW160822NJL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SW160822NJL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SW160822NJL Datasheet HTML 8Page - ABC Taiwan Electronics Corp SW160822NJL Datasheet HTML 9Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SPECIFICATION FOR APPROVAL
20N:2012,2520,3225
deformation or change in
2.Inductance shall not change
Inductors shall not have a
Note: Inductors are to be tested after 1 hour at room temperature.
Humidity test
appearance.
AR-001A
Humidity load life
High temperature
test
High tempera - ture
load life
storage
shorted or open winding.
storage
Thermal shock test
Low temperature
more than±10%
more than ±5%
3.Q shall not change
PROD.
Temperature
characteristic
1.There shall be no case
WOUND CHIP INDUCTOR
(Push test)
Component
adhesion
NAME
5N:1005
10N:1608
REF : 20090828-C
Temp.:50±2℃
1.Temp:40±2℃
2.R.H.:90-95%
3.Time:1000±12 hours
4. Load:Allowed DC current
Temp.:125±2℃
Time.:48±2 hours
1.Temp:85±2℃
2.Time:1000±12 hours
3.Load:Allowed DC current
R.H.:90~95 %
Time.:96±2 hours
+125
for 30 minutes.
-40
for 30 minutes.
Time.:48±2 hours
Total:10 cycles
Temp.:-40±2℃
ABC'S DWG NO.
SW1608□□□□L□-□□□
the side of the component . The
force indicated at left without a failure
device must withstand the minimum
of the termination to board
-40
~125
℃℃
attachment.
copper substrate. A dynometer
force gauge shall be applied to
(230±5
for 10 seconds) to a tinned
The device shall be reflow soldered
ABC'S ITEM NO.
PAGE: 8


Similar Part No. - SW160822NJL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW16045 ETC2-SW16045 Datasheet
109Kb / 7P
   K횆YTT횜TURVALLISUUSTIEDOTE
logo
Xian Semipower Electron...
SW160R02VT SEMIPOWER-SW160R02VT Datasheet
760Kb / 6P
   N-channel Enhanced mode DFN3*3 MOSFET
Apr. 2019.
SW160R12VT SEMIPOWER-SW160R12VT Datasheet
627Kb / 6P
   N-channel Enhanced mode TO-220 MOSFET
More results

Similar Description - SW160822NJL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
   WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
   Wound Chip Inductor
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
   Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
   Wound Chip Inductor
XF070603-R10M XFMRS-XF070603-R10M Datasheet
35Kb / 1P
   WOUND CHIP INDUCTOR
XF070603-R20M XFMRS-XF070603-R20M Datasheet
36Kb / 1P
   WOUND CHIP INDUCTOR
logo
ABC Taiwan Electronics ...
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
   WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com