Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW2022R12JL Datasheet(PDF) 8 Page - ABC Taiwan Electronics Corp

Part # SW2022R12JL
Description  WOUND CHIP INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SW2022R12JL Datasheet(HTML) 8 Page - ABC Taiwan Electronics Corp

  SW2022R12JL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SW2022R12JL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SW2022R12JL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SW2022R12JL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SW2022R12JL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SW2022R12JL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SW2022R12JL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SW2022R12JL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
WOUND CHIP INDUCTOR
OBMW2
DARUL MAKMUR MALAYSIA
ELEKTRISOLA (MALAYSLA) SDN BHD
Magnet Wire-Comporent
Ⅹ﹒UL CARD:
IALAN DAMN SATU IANDA BAIK 28750 BENTONG, PAHANG
Mtl Dsg
Estersol 160
Amldester 200
Polysol-N 155
Polysol 155g
Polysol 155p
Polysol-N 180
Polysol 170
Polysol 180
Polysol 160
Polysol 155
See General Information preceding These Recognitions
Marking:Dompany name/nateriel designation or marked designation and factory identification on package ok reel
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
PROD.
NAME
REF : 20080711-A
155
MW-79
____
Pp155,Gp155
Polyurechane
P170 or G170
PN180
P180
P160
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Nylon
____
____
____
____
MW-79
MW-79
MW-79
180
155
156
155
SW2022□□□□L□-□□□
ABC'S DWG NO.
August 27, 1999
ABC'S ITEM NO.
PN155
Pg155
P155
E180
A200
Mark Dsg
Polyesterimide
Polyesterimide
(solderable)
Polyurechane
Polyurechane
Polyurechane
Coating Type
BC
E143312
____
Nylon
____
____
____
MW-80,
MW-28
MW-79
MW-79
MW-79,
MW-77
MW-74
OC
Typ
ANSI
155,
100
130
130
155,
180
200
Class
Temp
SPECIFICATION FOR APPROVAL
PAGE: 8
AR-001A


Similar Part No. - SW2022R12JL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R56K2 ABC-SW2022R56K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R68K2 ABC-SW2022R68K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R82K2 ABC-SW2022R82K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
More results

Similar Description - SW2022R12JL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
   WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
   Wound Chip Inductor
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
   Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
   Wound Chip Inductor
XF070603-R10M XFMRS-XF070603-R10M Datasheet
35Kb / 1P
   WOUND CHIP INDUCTOR
XF070603-R20M XFMRS-XF070603-R20M Datasheet
36Kb / 1P
   WOUND CHIP INDUCTOR
logo
ABC Taiwan Electronics ...
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
   WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com