Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9705 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9705
Description  2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9705 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9705_09 Datasheet HTML 5Page - Maxim Integrated Products MAX9705_09 Datasheet HTML 6Page - Maxim Integrated Products MAX9705_09 Datasheet HTML 7Page - Maxim Integrated Products MAX9705_09 Datasheet HTML 8Page - Maxim Integrated Products MAX9705_09 Datasheet HTML 9Page - Maxim Integrated Products MAX9705_09 Datasheet HTML 10Page - Maxim Integrated Products MAX9705_09 Datasheet HTML 11Page - Maxim Integrated Products MAX9705_09 Datasheet HTML 12Page - Maxim Integrated Products MAX9705_09 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
2.3W, Ultra-Low-EMI, Filterless,
Class D Audio Amplifier
_______________________________________________________________________________________
9
Detailed Description
The MAX9705 ultra-low-EMI, filterless, Class D audio
power amplifier features several improvements to switch-
mode amplifier technology. The MAX9705 features output
driver active emissions limiting circuitry to reduce EMI.
Zero dead time technology maintains state-of-the-art effi-
ciency and THD+N performance by allowing the output
FETs to switch simultaneously without cross-conduction.
A unique filterless modulation scheme, synchronizable
switching frequency, and spread-spectrum mode create
a compact, flexible, low-noise, efficient audio power
amplifier while occupying minimal board space. The dif-
ferential input architecture reduces common-mode noise
pickup with or without the use of input-coupling capaci-
tors. The MAX9705 can also be configured as a single-
ended input amplifier without performance degradation.
Thermal-overload and short-circuit protection prevent the
MAX9705 from being damaged during a fault condition.
The amplifier is disabled if the die temperature reaches
+125°C. The die must cool by 10°C before normal opera-
tion can continue. The output of the MAX9705 shuts down
if the output current reaches approximately 2A. Each out-
put FET has its own short-circuit protection. This protec-
tion scheme allows the amplifier to survive shorts to either
supply rail. After a thermal overload or short circuit, the
device remains disabled for a minimum of 50µs before
attempting to return to normal operation. The amplifier will
shut down immediately and wait another 50µs before turn-
ing on if the fault condition is still present. This operation
will cause the output to pulse during a persistent fault.
Comparators monitor the MAX9705 inputs and com-
pare the complementary input voltages to the sawtooth
waveform. The comparators trip when the input magni-
tude of the sawtooth exceeds their corresponding input
voltage. Both comparators reset at a fixed time after the
rising edge of the second comparator trip point, gener-
ating a minimum-width pulse tON(MIN) at the output of
the second comparator (Figure 1). As the input voltage
increases or decreases, the duration of the pulse at one
output increases (the first comparator to trip), while the
other output pulse duration remains at tON(MIN). This
causes the net voltage across the speaker (VOUT+ -
VOUT-) to change.
Operating Modes
Fixed-Frequency Modulation (FFM) Mode
The FFM mode is selected by setting SYNC = GND for a
1.1MHz switching frequency. In FFM mode, the frequen-
cy spectrum of the Class D output consists of the funda-
mental switching frequency and its associated
harmonics (see the Wideband Output Spectrum Fixed-
Frequency Mode graph in the
Typical Operating
Characteristics).
Pin Description
PIN
BUMP
TDFN
UCSP
NAME
FUNCTION
1A1
VDD
Analog Power Supply
2
B1
IN+
Noninverting Audio Input
3
C1
IN-
Inverting Audio Input
4
C2
GND
Analog Ground
5B2
SHDN
Active-Low Shutdown Input. Connect to VDD for normal operation.
6
A3
SYNC
Frequency Select and External Clock Input.
SYNC = GND: Fixed-frequency mode with fS = 1100kHz.
SYNC = VDD: Spread-spectrum mode with fS = 1220kHz
±120kHz.
SYNC = Clocked: Fixed-frequency mode with fS = external clock frequency.
7
B3
PGND
Power Ground
8
A4
OUT+
Amplifier-Output Positive Phase
9
C4
OUT-
Amplifier-Output Negative Phase
10
B4
PVDD
H-Bridge Power Supply
——
EP
Exposed Pad. Internally connected to ground. Connect to a large ground plane to
maximize thermal performance. Not intended as an electrical connection point
(TDFN only).


Similar Part No. - MAX9705_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9705AEBC+T MAXIM-MAX9705AEBC+T Datasheet
2Mb / 20P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 7/05
MAX9705AETB+T MAXIM-MAX9705AETB+T Datasheet
2Mb / 20P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 7/05
MAX9705AEUB MAXIM-MAX9705AEUB Datasheet
2Mb / 20P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 7/05
MAX9705AEUB++ MAXIM-MAX9705AEUB+ Datasheet
2Mb / 20P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 7/05
MAX9705BEBC+T MAXIM-MAX9705BEBC+T Datasheet
2Mb / 20P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 7/05
More results

Similar Description - MAX9705_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9705 MAXIM-MAX9705 Datasheet
2Mb / 20P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 7/05
logo
Texas Instruments
LM48410 TI1-LM48410 Datasheet
1Mb / 24P
[Old version datasheet]   Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
CS8121S YONGFUKANG-CS8121S Datasheet
302Kb / 9P
   4.0W Mono, Ultra Low EMI, Filterless Class D Audio Amplifier
logo
Maxim Integrated Produc...
MAX9700 MAXIM-MAX9700_V01 Datasheet
2Mb / 17P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
logo
National Semiconductor ...
LM48410 NSC-LM48410 Datasheet
735Kb / 20P
   Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier with National 3D Enhancement
logo
Maxim Integrated Produc...
MAX9746 MAXIM-MAX9746 Datasheet
343Kb / 16P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 5/06
MAX9700 MAXIM-MAX9700_08 Datasheet
340Kb / 20P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 2; 10/08
MAX9712 MAXIM-MAX9712 Datasheet
536Kb / 18P
   500mW, Low EMI, Filterless, Class D Audio Amplifier
Rev 1; 1/04
MAX9700 MAXIM-MAX9700 Datasheet
532Kb / 19P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 1; 6/04
logo
Diodes Incorporated
PAM8303C DIODES-PAM8303C Datasheet
775Kb / 17P
   ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com