Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16922 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX16922
Description  2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16922 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX16922 Datasheet HTML 6Page - Maxim Integrated Products MAX16922 Datasheet HTML 7Page - Maxim Integrated Products MAX16922 Datasheet HTML 8Page - Maxim Integrated Products MAX16922 Datasheet HTML 9Page - Maxim Integrated Products MAX16922 Datasheet HTML 10Page - Maxim Integrated Products MAX16922 Datasheet HTML 11Page - Maxim Integrated Products MAX16922 Datasheet HTML 12Page - Maxim Integrated Products MAX16922 Datasheet HTML 13Page - Maxim Integrated Products MAX16922 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2.2MHz, Dual, Step-Down DC-DC
Converters, Dual LDOs, and
RESET
10
______________________________________________________________________________________
Pin Description (continued)
PIN
TQFN
TSSOP
NAME
FUNCTION
8
10
OUTS2
OUT2 Voltage Sense Input. Connect OUTS2 directly to the OUT2 output voltage and
bypass to PGND2 with a minimum total capacitance of 10µF. The total capacitance can
include input bypass capacitors cascaded from OUT2, discharged by a 70
Ω resistance
between OUTS2 and PGND2 when disabled.
9
11
PGND2
Power Ground for BUCK 2. Connect PGND2 and GND_ together near the device.
10
12
LX2
Inductor Connection for OUT2. Connect a 2.2µH inductor between LX2 and OUT2 as shown
in the Functional Diagram.
11
13
PV2
OUT2 Supply Input. Connect a 4.7µF or larger ceramic capacitor from PV2 to ground.
12
14
PV3
Linear-Regulator Power Input for OUT3. Bypass PV3 to GND with a minimum 2.2µF ceramic
capacitor.
13
15
OUT3
Linear-Regulator 1 Output. Bypass OUT3 to GND with a minimum 2.2µF ceramic capacitor
internally discharged by a 1k
Ω resistance when disabled.
14
16
GND2
Ground. Connect GND, GND1, GND2, and GND3 together.
15
17
OUT4
Linear-Regulator 2 Output. Bypass OUT4 to GND with a minimum 2.2µF ceramic capacitor.
Internally discharged by a 1k
Ω resistance when disabled.
16
18
PV4
Linear-Regulator Power Input for OUT4. Bypass PV4 to GND with a minimum 2.2µF ceramic
capacitor.
17
19
LSUP
5V Logic Supply to Provide Power to Internal Circuitry. Bypass LSUP to GND1 with a 1µF
ceramic capacitor.
18
20
RESET
Open-Drain Reset Output for the Input Monitoring OUT1 and OUT2. External pullup
required.
19
1
GND1
Ground. Connect GND, GND1, GND2, and GND3 together.
20
2
EN
Active-High Enable Input. Connect EN to PV1 or a logic-high voltage to turn on all
regulators. Pull EN input low to place the regulators in shutdown.
——
EP
Exposed Pad. Connect the exposed pad to ground. Connecting the exposed pad to ground
does not remove the requirement for proper ground connections to PGND2 and GND_. The
exposed pad is attached with epoxy to the substrate of the die, making it an excellent path
to remove heat from the device.


Similar Part No. - MAX16922

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16922 MAXIM-MAX16922 Datasheet
994Kb / 17P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
19-5039; Rev 1; 5/10
MAX16922 MAXIM-MAX16922 Datasheet
1Mb / 17P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 4; 4/11
MAX16922 MAXIM-MAX16922 Datasheet
1Mb / 17P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 5; 1/12
MAX16922 MAXIM-MAX16922 Datasheet
986Kb / 18P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
2016
MAX16922ATP MAXIM-MAX16922ATP Datasheet
1Mb / 17P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 4; 4/11
More results

Similar Description - MAX16922

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16922 MAXIM-MAX16922_10 Datasheet
994Kb / 17P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
19-5039; Rev 1; 5/10
MAX16922 MAXIM-MAX16922_V01 Datasheet
986Kb / 18P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
2016
MAX16922 MAXIM-MAX16922_12 Datasheet
1Mb / 17P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 5; 1/12
MAX16922 MAXIM-MAX16922_11 Datasheet
1Mb / 17P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 4; 4/11
MAX8667 MAXIM-MAX8667 Datasheet
394Kb / 18P
   1.5MHz Dual Step-Down DC-DC Converters with Dual LDOs and Individual Enables
Rev 1; 7/07
MAX20014 MAXIM-MAX20014 Datasheet
608Kb / 14P
   2.2MHz Sync Boost and Dual Step-Down Converters
Rev 3; 3/19
MAX16963 MAXIM-MAX16963_V01 Datasheet
540Kb / 13P
   Dual 2.2MHz, Low-Voltage Step-Down DC-DC Converter
2015
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
logo
Linear Technology
LTC3527 LINER-LTC3527 Datasheet
2Mb / 20P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com