Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B66459G Datasheet(PDF) 3 Page - EPCOS

Part # B66459G
Description  Ferrites and accessories
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66459G Datasheet(HTML) 3 Page - EPCOS

  B66459G Datasheet HTML 1Page - EPCOS B66459G Datasheet HTML 2Page - EPCOS B66459G Datasheet HTML 3Page - EPCOS B66459G Datasheet HTML 4Page - EPCOS B66459G Datasheet HTML 5Page - EPCOS B66459G Datasheet HTML 6Page - EPCOS B66459G Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
Core set EILP 38
Combination:
ELP 38/8/25 with I 38/4/25
To IEC 62317-9
Delivery mode: single units
Magnetic characteristics (per set)
Σl/A= 0.22 mm–1
le
= 43.6 mm
Ae
= 194 mm2
Amin = 192 mm2
Ve
= 8440 mm3
Approx. weight 44 g/set
Ungapped
Calculation factors (for formulas, see “E cores: general information”)
EILP 38:
Validity range:
K1, K2: 0.10 mm < s < 2.00 mm
K3, K4: 180 nH < AL < 1500 nH
Material
AL value
nH
µ
e
PV
W/set
Ordering code
(per piece)
N49
5700
±25% 1000 < 2.20 ( 50 mT, 500 kHz, 100 °C) B66289G0000X149 (ELP core)
B66289P0000X149 (I core)
N92
6200
±25% 1110 < 5.30 (200 mT, 100 kHz, 100 °C) B66289G0000X192 (ELP core)
B66289P0000X192 (I core)
N87
8300
±25% 1450 < 5.15 (200 mT, 100 kHz, 100 °C) B66289G0000X187 (ELP core)
B66289P0000X187 (I core)
N97
8400
±25% 1500 < 4.40 (200 mT, 100 kHz, 100 °C) B66289G0000X197 (ELP core)
B66289P0000X197 (I core)
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C)
K4 (100 °C)
N87
328
–0.788
541
–0.796
477
–0.873
FEK0371-P
7.6±0.2
30.8±0.6
38.1±0.8
FEK0372-X
38.1±0.8
30.8±0.6
7.6±0.2
I 38/4/25
ELP 38/8/25
B66289
Core (with clamp recess)
ELP 38/8/25 with I 38/4/25


Similar Part No. - B66459G

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66459G EPCOS-B66459G Datasheet
314Kb / 10P
   Ferrites and accessories
B66459G0000X149 EPCOS-B66459G0000X149 Datasheet
314Kb / 10P
   Ferrites and accessories
logo
TDK Electronics
B66459G0000X149 TDK-B66459G0000X149 Datasheet
184Kb / 10P
   Ferrites and accessories
logo
EPCOS
B66459G0000X187 EPCOS-B66459G0000X187 Datasheet
314Kb / 10P
   Ferrites and accessories
logo
TDK Electronics
B66459G0000X187 TDK-B66459G0000X187 Datasheet
184Kb / 10P
   Ferrites and accessories
More results

Similar Description - B66459G

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com