Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B66457P0000X192 Datasheet(PDF) 6 Page - EPCOS

Part # B66457P0000X192
Description  Ferrites and accessories
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66457P0000X192 Datasheet(HTML) 6 Page - EPCOS

  B66457P0000X192 Datasheet HTML 1Page - EPCOS B66457P0000X192 Datasheet HTML 2Page - EPCOS B66457P0000X192 Datasheet HTML 3Page - EPCOS B66457P0000X192 Datasheet HTML 4Page - EPCOS B66457P0000X192 Datasheet HTML 5Page - EPCOS B66457P0000X192 Datasheet HTML 6Page - EPCOS B66457P0000X192 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
09/06
Please read Cautions and warnings and
Important notes
at the end of this document.
Cautions and warnings
Mechanical stress and mounting
Ferrite cores have to meet mechanical requirements during assembling and for a growing number
of applications. Since ferrites are ceramic materials one has to be aware of the special behavior
under mechanical load.
As valid for any ceramic material, ferrite cores are brittle and sensitive to any shock, fast changing
or tensile load. Especially high cooling rates under ultrasonic cleaning and high static or cyclic loads
can cause cracks or failure of the ferrite cores.
For detailed information see Data Book 2007, chapter “Definitions”, section 8.1.
Effects of core combination on AL value
Stresses in the core affect not only the mechanical but also the magnetic properties. It is apparent
that the initial permeability is dependent on the stress state of the core. The higher the stresses are
in the core, the lower is the value for the initial permeability. Thus the embedding medium should
have the greatest possible elasticity.
For detailed information see Data Book 2007, chapter “Definitions”, section 8.2.
Heating up
Ferrites can run hot during operation at higher flux densities and higher frequencies
NiZn-materials
The magnetic properties of NiZn-materials can change irreversible in high magnetic fields
Processing notes
The start of the winding process should be soft. Else the flanges may be destroid.
To strong winding forces may blast the flanges or squeeze the tube that the cores can no more
be mount.
To long soldering time at high temperature (
>300 °C) may effect coplanarity or pin arrangement.
Not following the processing notes for soldering of the J-leg terminals may cause solderability
problems at the transformer because of pollution with Sn oxyd of the tin bath or burned insulation
of the wire. For detailed information see Data Book 2007, chapter “Processing notes”, section
2.2.
The dimensions of the hole arrangement have fixed values and should be understood as a rec-
ommendation for drilling the printed circuit board. For dimensioning the pins, the group of holes
can only be seen under certain conditions, as they fit into the given hole arrangement. To avoid
problems when mounting the transformer, the manufacturing tolerances for positioning the cus-
tomers' drilling process must be considered by increasing the hole diameter.


Similar Part No. - B66457P0000X192

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66457 EPCOS-B66457 Datasheet
71Kb / 2P
   ELP 32/6/20 Core (Without Clamp Recess)
B66457-G-X149 EPCOS-B66457-G-X149 Datasheet
71Kb / 2P
   ELP 32/6/20 Core (Without Clamp Recess)
B66457-G-X187 EPCOS-B66457-G-X187 Datasheet
71Kb / 2P
   ELP 32/6/20 Core (Without Clamp Recess)
B66457G EPCOS-B66457G Datasheet
336Kb / 11P
   Ferrites and accessories
B66457G0000X149 EPCOS-B66457G0000X149 Datasheet
336Kb / 11P
   Ferrites and accessories
More results

Similar Description - B66457P0000X192

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com