Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM-4380 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCM-4380
Description  Intel짰 Pentium짰 M EPIC SBC with VGA/ LVDS/ Dual LAN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-4380 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCM-4380 Datasheet HTML 1Page - Advantech Co., Ltd. PCM-4380 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Single Board Computers
All product specifications are subject to change without notice
Last updated : 24-Mar-2009
Features
PCM-4380
Intel® Pentium® M EPIC SBC with
VGA/ LVDS/ Dual LAN
Intel® Pentium® M processor on board
SODIMM socket supports up to 1 GB DDR 200/266/333
Display Combination: CRT + LVDS display support
Supports 4 COM ports, 6 USB 2.0 ports & 8-bit GPIO
Dual 10/100/1000 Mbps Ethernet
Supports Compact Flash/uDOC (option)
Supports ATX / AT power
PC/104-Plus bus (full 8/16-bit ISA bus)
Specifications
Processor System
CPU
Celeron M 600 MHz
Celeron M 1.0 GHz
LV Pentium M 1.4 GHz
Front Side Bus
400 MHz
400 MHz
400 MHz
L2 Cache
512 KB ~ 2 MB
512 KB
2 MB
Chipset
Intel 855GME + ICH4
Intel 855GME + ICH4
Intel 855GME + ICH4
BIOS
Award 4-Mbit
Award 4-Mbit
Award 4-Mbit
Memory
Technology
DDR 200/266/333
Max. Capacity
1 GB
Socket
1 x 200-pin SODIMM
SSD
CompactFlash
Card Type I, Type II (shared 2nd IDE Channel), UDOM
Coastline I/O
VGA
1
COM
1
LAN
2
USB
2
KB/MS
1
I/O Interface
LPT
1
RS-232
2
RS-232/422/485
1
USB
4 x USB 2.0 (2 via USB DOM connector)
Audio
AC97, Line-in, Line-out, Mic-in (optional with PCM-410)
GPIO
8-bit general purpose input/output
SMBus
Supported
EIDE
Mode
UMA33
Channel
1
Expansion Slot
PC/104-Plus
1
Ethernet
Speed
10/100 Mbps or 10/100/1000 Mbps (optional)
Controller
2 x Intel 82551ER, optional 82541PI (GbE for optional)
Interface
2 x RJ-45
Display
Controller
Intel 855GME
VRAM
Optimized Shared Memory Architecture up to 32 MB system memory
LVDS LCD
1 x 36-bit LVDS
Dual Independent Display
CRT + LVDS
Environment
Operating Temperature
0 ~ 60° C (32 ~ 140° F), Z2 : -40 ~ 85° C (-40 ~ 185° F) (Optional)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Power
Power Type
AT / ATX
Power Supply Voltage
ATX, +5 V ± 5%, ±12 V ± 5%
AT, 5V only to boot up, 12V for LCD inverter and PC/104 module (12 V optional for PC104 add on card and LCD
inverter)
Power Consumption: Typical (XP)
Typical: 1.82 A @ 5 V, 0.08 A @ 12 V, 1.23 @ 3.3 V (Pentium M 1.4 GHz with 256 MB DDR333)
Power Consumption:
Max, Test in HCT
Max: 2.38 A @ 5 V, 0.08 A @ 12 V, 1.82 @ 3.3 V (Pentium M 1.4 GHz with 256 MB DDR333)
Power Management
APM, ACPI
Battery
Lithium 3 V / 196 mAH
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec
Physical Characteristics
Dimensions (L x W)
115 x 165 mm (4.5" x 6.5")
Weight
0.35 kg (0.77 lb) (with Heatsink)
IDE
KB_MS
VGA CON
Battery connector
ISA
Power Switch
COM2/3/4/LPT
HD & Power LED
USB0/1
LAN2
LAN1
System FAN
Inverter Power
COM1
LVDS
ATX/AT
Power
GPIO
USB2/3/AC97
COM2/RS232
422/485 selection
RS422/485


Similar Part No. - PCM-4380

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-4381 ADVANTECH-PCM-4381 Datasheet
378Kb / 2P
   Intel짰 Pentium짰 M EPIC SBC with VGA/ 2 LVDS/ Dual Giga LAN
PCM-4381F-00A1E ADVANTECH-PCM-4381F-00A1E Datasheet
378Kb / 2P
   Intel짰 Pentium짰 M EPIC SBC with VGA/ 2 LVDS/ Dual Giga LAN
PCM-4381F-S0A1E ADVANTECH-PCM-4381F-S0A1E Datasheet
378Kb / 2P
   Intel짰 Pentium짰 M EPIC SBC with VGA/ 2 LVDS/ Dual Giga LAN
PCM-4381L-M0A1E ADVANTECH-PCM-4381L-M0A1E Datasheet
378Kb / 2P
   Intel짰 Pentium짰 M EPIC SBC with VGA/ 2 LVDS/ Dual Giga LAN
PCM-4381Z-1GS0A1E ADVANTECH-PCM-4381Z-1GS0A1E Datasheet
378Kb / 2P
   Intel짰 Pentium짰 M EPIC SBC with VGA/ 2 LVDS/ Dual Giga LAN
More results

Similar Description - PCM-4380

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-4381 ADVANTECH-PCM-4381 Datasheet
378Kb / 2P
   Intel짰 Pentium짰 M EPIC SBC with VGA/ 2 LVDS/ Dual Giga LAN
PCM-9381 ADVANTECH-PCM-9381 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 Pentium짰 M, VGA, LVDS, DVI, LAN, USB
PCM-9380 ADVANTECH-PCM-9380 Datasheet
362Kb / 2P
   3.5" SBC with Intel짰 Pentium짰 M, VGA, LVDS, LAN, USB, MIO
PCM-4386 ADVANTECH-PCM-4386 Datasheet
334Kb / 2P
   Intel Celeron짰 M EPIC SBC with VGA/ LVDS/ Dual LAN/ PC104 Plus
AIMB-552 ADVANTECH-AIMB-552_10 Datasheet
1Mb / 3P
   Socket 479 Intel짰 Pentium짰 M/Celeron짰 M MicroATX, VGA/LVDS, 10 COM, & Dual LAN
PCM-9387 ADVANTECH-PCM-9387 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 ULV Celeron짰 M, VGA, LVDS, DVI, LAN, USB
09-Nov-2009
PCM-9386 ADVANTECH-PCM-9386 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 ULV Celeron짰 M, VGA, LVDS, LAN, USB, MIO
09-Nov-2009
AIMB-552 ADVANTECH-AIMB-552 Datasheet
1Mb / 3P
   Socket 479 Intel짰 Pentium짰 M/Celeron짰 M MicroATX, VGA/LVDS, 10 COM, & Dual LAN
21-Oct-2009
PCA-6190-A2 ADVANTECH-PCA-6190-A2 Datasheet
299Kb / 1P
   LGA775 Pentium짰 4 SBC with VGA/Dual GbE LAN/DVI
PCM-4390 ADVANTECH-PCM-4390 Datasheet
368Kb / 2P
   Onboard Intel짰 Core??Duo EPIC SBC with LVDS/ VGA/ 2 GbE LAN/8 GPIO/ 2 SATA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com