Electronic Components Datasheet Search |
|
B66418B2000X000 Datasheet(PDF) 3 Page - EPCOS |
|
B66418B2000X000 Datasheet(HTML) 3 Page - EPCOS |
3 / 5 page 3 09/06 Please read Cautions and warnings and Important notes at the end of this document. Coil former Material: GFR thermosetting plastic (UL 94 V-0, insulation class to IEC 60085: H max. operating temperature 180 °C), color code black Sumikon PM 9630® [E41429 (M)], SUMITOMO BAKELITE CO LTD Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3.5 s Winding: see Data Book 2007, chapter “Processing notes, 2.1” Squared pins. Yoke Material: Stainless spring steel (0.3 mm) Coil former Yoke Coil former Ordering code Sections AN mm2 lN mm AR value µΩ Pins 1 28.1 40.2 49.2 8 B66418W1008D001 Yoke (ordering code per piece, 2 are required) B66418B2000X000 FEK0274-8 6,3 max. 5,1 Ansicht A A View A FEK0210-2-E 12 34 20±0.2 87 65 Pin 1 marking 9.2+0.1 0.45 13.2 min. 8 5 14 ø1.3+0.1 3 x 5 = 15 Mounting holes 5 0.15 10.6 _ 0.2 14.8 _ 0.2 14.8_ B66418 Accessories EFD 20/10/7 |
Similar Part No. - B66418B2000X000 |
|
Similar Description - B66418B2000X000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |