Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB-9780-1510G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPB-9780-1510G
Description  1510 nm TX / 1590 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-9780-1510G Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPB-9780-1510G Datasheet HTML 1Page - Optoway Technology Inc SPB-9780-1510G Datasheet HTML 2Page - Optoway Technology Inc SPB-9780-1510G Datasheet HTML 3Page - Optoway Technology Inc SPB-9780-1510G Datasheet HTML 4Page - Optoway Technology Inc SPB-9780-1510G Datasheet HTML 5Page - Optoway Technology Inc SPB-9780-1510G Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
SPB-9780-1510G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008
V3.0
1
SPB-9780-1510G / SPB-9780B-1510G / SPB-9780A-1510G
(SC)
(RoHS Compliant)
SPB-9780L-1510G / SPB-9780BL-1510G / SPB-9780AL-1510G
(LC)
1510 nm TX / 1590 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
*********************************************************************************************************************************************************************
FEATURES
l 1-Fiber Bi-Directional SFP Optical Transceiver
l Simplex SC Connector: SPB-9780-1510G
l Simplex LC Connector: SPB-9780L-1510G
l Tri-rate for OC-48 / STM-16, Gigabit Ethernet
1000BASE & Fibre Channel
l 1510 nm DFB LD Transmitter
l 1590 nm Receiver
l Distance Up to 80 km
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operation: SPB-9780-1510G
l -10 to 85oC Operation: SPB-9780B-1510G
l -40 to 85oC Operation: SPB-9780A-1510G
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l WDM OC-48 / STM-16 Links
l Gigabit Ethernet Interconnect
l Fibre Channel Links
DESCRIPTION
The SPB-9780-1510G series is high performance module for
OC-48 / STM-16 and Gigabit Ethernet 1000BASE single
fiber communications by using 1510 nm transmitter and
1590 nm receiver. It is with the SFP 20-pin connector to
allow hot plug capability. The transmitter section uses a
multiple quantum well 1510 nm DFB laser and is a class 1
laser compliant according to International Safety Standard
IEC 60825. The receiver section is designed to receive 1590
nm signal. The receiver section uses an integrated 1590 nm
detector preamplifier (IDP) mounted in an optical header
and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
TX
Power
(dBm)
RX
Sens.
(dBm)
RoHS
Compliant
SPB-9780-1510G
2.5
80
1510DFB
1590
SC SFP
0 to 70
3 to -2
-28
Yes
SPB-9780B-1510G
2.5
80
1510DFB
1590
SC SFP
-10 to 85
3 to -2
-28
Yes
SPB-9780A-1510G
2.5
80
1510DFB
1590
SC SFP
-40 to 85
3 to -2
-28
Yes
SPB-9780L-1510G
2.5
80
1510DFB
1590
LC SFP
0 to 70
3 to -2
-28
Yes
SPB-9780BL-1510G
2.5
80
1510DFB
1590
LC SFP
-10 to 85
3 to -2
-28
Yes
SPB-9780AL-1510G
2.5
80
1510DFB
1590
LC SFP
-40 to 85
3 to -2
-28
Yes


Similar Part No. - SPB-9780-1510G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9780-1510G OPTOWAY-SPB-9780-1510G Datasheet
171Kb / 5P
   1510 nm TX / 1590 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9780-1510G OPTOWAY-SPB-9780-1510G Datasheet
177Kb / 6P
   2.5 Gbps Single-Fiber SFP Transceiver
SPB-9780-1510G OPTOWAY-SPB-9780-1510G Datasheet
177Kb / 6P
   2.5 Gbps Single-Fiber SFP Transceiver
SPB-9780-1510G OPTOWAY-SPB-9780-1510G_15 Datasheet
177Kb / 6P
   2.5 Gbps Single-Fiber SFP Transceiver
SPB-9780-1510G_2015 OPTOWAY-SPB-9780-1510G_2015 Datasheet
177Kb / 6P
   2.5 Gbps Single-Fiber SFP Transceiver
More results

Similar Description - SPB-9780-1510G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-97120-1510G OPTOWAY-SPB-97120-1510G Datasheet
176Kb / 6P
   1510 nm TX / 1590 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-97120-1590G OPTOWAY-SPB-97120-1590G Datasheet
176Kb / 6P
   1590 nm TX / 1510 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9780-1590G OPTOWAY-SPB-9780-1590G Datasheet
171Kb / 5P
   1590 nm TX / 1510 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9780-1590G OPTOWAY-SPB-9780-1590G_08 Datasheet
178Kb / 6P
   1590 nm TX / 1510 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9780-1510G OPTOWAY-SPB-9780-1510G Datasheet
171Kb / 5P
   1510 nm TX / 1590 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-97120W-1510G OPTOWAY-SPB-97120W-1510G Datasheet
176Kb / 6P
   1510 nm TX / 1590 nm RX , 3.3V / 2.5 Gbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9780W-1590G OPTOWAY-SPB-9780W-1590G Datasheet
172Kb / 5P
   1590 nm TX / 1510 nm RX , 3.3V / 2.5 Gbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9780W-1510G OPTOWAY-SPB-9780W-1510G Datasheet
172Kb / 5P
   1510 nm TX / 1590 nm RX , 3.3V / 2.5 Gbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-97120W-1590G OPTOWAY-SPB-97120W-1590G Datasheet
176Kb / 6P
   1590 nm TX / 1510 nm RX , 3.3V / 2.5 Gbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9780W-1590G OPTOWAY-SPB-9780W-1590G_08 Datasheet
178Kb / 6P
   1590 nm TX / 1510 nm RX , 3.3V / 2.5 Gbps Digital Diagnostic Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com