Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS4012-331ML Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # LPS4012-331ML
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS4012-331ML Datasheet(HTML) 2 Page - Coilcraft lnc.

  LPS4012-331ML Datasheet HTML 1Page - Coilcraft lnc. LPS4012-331ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Shielded SMT Power Inductors–LPS4012 Series
Document 433-2
Document 433-2
Revised 0805/09
Typical L vs Current
Typical L vs Frequency
0.1
1
10
10000
1000
100
0.01
0.1
110
Current (A)
1 µH
2.2 µH
10 µH
22 µH
220 µH
100 µH
1000 µH
2200 µH
5.6 µH
0.01
0.1
110
0.01
0.1
110
Frequency (MHz)
1 µH
10 µH
2.2 µH
22 µH
5.6 µH
0.1
1
10
10000
1000
100
220 µH
100 µH
1000 µH
2200 µH
-40
-20
0
20
40
60
80
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
Current Derating
0.1535 ±0.003
3,90 ±0,076
0.1535 ±0.003
3,90 ±0,076
0.0433 ±0.004
1,10 ±0,10
0.060
1,52
Winding
direction
Dash
number
Internal
code
XXX X
0.173
4,40
0.123
3,124
Recommended
Land Pattern
0.060
1,50
0.118
3,00
0.173
4,40
0.028
0,70
45°
typ
0.090
2,30
0.123
3,124
0.090
2,30
*
*
Dimensions are of the case not
including the termination. For maximum
overall dimensions including the
termination, add 0.005 in / 0,13 mm.
*
Coilcraft Designer’s Kit C392 contains samples of 0.80 µH to 33 µH
parts (3 each) from LPS3008, LPS3010 and LPS3015. Kit C401
contains samples of 0.56 µH to 33 µH parts (3 each) from LPS4012
and LPS4018. Kit C402 contains samples of 220 µH to 3300 µH parts
(3 each) from all five series. For details of kit contents and to order,
contact Coilcraft or visit http://order.coilcraft.com.
Dimensions are in
inches
mm


Similar Part No. - LPS4012-331ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
204Kb / 2P
   Shielded Power Inductors ??LPS4012
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
204Kb / 2P
   Shielded Power Inductors ??LPS4012
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
204Kb / 2P
   Shielded Power Inductors ??LPS4012
More results

Similar Description - LPS4012-331ML

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com