Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS4018-183ML Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # LPS4018-183ML
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS4018-183ML Datasheet(HTML) 2 Page - Coilcraft lnc.

  LPS4018-183ML Datasheet HTML 1Page - Coilcraft lnc. LPS4018-183ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Shielded SMT Power Inductors–LPS4018 Series
Document 435-2
Document 435-2
Revised 08/05/09
Typical L vs Frequency
Typical L vs Current
0.1
1
10
0.1
1
10
Frequency (MHz)
0.1
1
10
10000
1000
100
0.01
1 µH
4.7 µH
22 µH
680 µH
2200 µH
0.1
1
10
10000
1000
100
0.01
0.1
110
Current (A)
1 µH
22 µH
680 µH
2200 µH
4.7 µH
0.0669 ±0.004
1,70 ±0,10
0.1535 ±0.003
3,90 ±0,076
0.1535 ±0.003
3,90 ±0,076
0.060
1,52
Winding
direction
0.173
4,40
0.123
3,124
Recommended
Land Pattern
0.060
1,50
0.118
3,00
0.173
4,40
0.028
0,70
45°
typ
0.090
2,30
0.123
3,124
0.090
2,30
Dash
number
Internal
code
XXX X
*
*
Dimensions are of the case not
including the termination. For maximum
overall dimensions including the
termination, add 0.005 in / 0,13 mm.
*
-40
-20
0
20
40
60
80
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
Current Derating
Coilcraft Designer’s Kit C392 contains samples of 0.80 µH to 33 µH
parts (3 each) from LPS3008, LPS3010 and LPS3015. Kit C401
contains samples of 0.56 µH to 33 µH parts (3 each) from LPS4012
and LPS4018. Kit C402 contains samples of 220 µH to 3300 µH parts
(3 each) from all five series. For details of kit contents and to order,
contact Coilcraft or visit http://order.coilcraft.com.


Similar Part No. - LPS4018-183ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS4018-183MLB COILCRAFT-LPS4018-183MLB Datasheet
204Kb / 2P
   Shielded Power Inductors LPS4018
LPS4018-183MLC COILCRAFT-LPS4018-183MLC Datasheet
204Kb / 2P
   Shielded Power Inductors LPS4018
LPS4018-183MLD COILCRAFT-LPS4018-183MLD Datasheet
204Kb / 2P
   Shielded Power Inductors LPS4018
LPS4018-183ML_ COILCRAFT-LPS4018-183ML_ Datasheet
204Kb / 2P
   Very low DCR; excellent current handling, 4.0 횞 4.0 mm footprint; less than 1.8 mm tall
More results

Similar Description - LPS4018-183ML

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com