Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS5010-682ML Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # LPS5010-682ML
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS5010-682ML Datasheet(HTML) 1 Page - Coilcraft lnc.

  LPS5010-682ML Datasheet HTML 1Page - Coilcraft lnc. LPS5010-682ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
ShieldedPowerInductors–LPS5010Series
Document 536-1
Document 536-1
Revised 10/06/08
DCR
SRF
Isat (A)5
Irms (A)6
Inductance2 max3
typ4
10%
20%
30%
20°C 40°C
Part number1
±20% (µH) (Ohms) (MHz)
drop drop
drop
rise
rise
LPS5010-471ML_
0.47
0.038
290
3.1
3.3
3.4
2.0
2.7
LPS5010-821ML_
0.82
0.058
195
2.3
2.5
2.6
1.2
1.5
LPS5010-152ML_
1.5
0.072
168
1.7
1.8
1.9
0.90
1.4
LPS5010-222ML_
2.2
0.100
144
1.4
1.5
1.6
0.88
1.2
LPS5010-332ML_
3.3
0.125
105
1.1
1.2
1.3
0.86
1.1
LPS5010-472ML_
4.7
0.175
76
0.95
1.1
1.1
0.85
0.98
LPS5010-562ML_
5.6
0.240
75
0.90
0.97
1.00
0.75
0.92
LPS5010-682ML_
6.8
0.255
71
0.82
0.90
0.93
0.74
0.85
LPS5010-103ML_
10
0.350
51
0.66
0.72
0.74
0.73
0.80
LPS5010-153ML_
15
0.500
39
0.55
0.59
0.62
0.68
0.75
LPS5010-223ML_
22
0.670
32
0.47
0.51
0.53
0.46
0.62
LPS5010-333ML_
33
1.05
26
0.38
0.42
0.43
0.40
0.55
LPS5010-473ML_
47
1.45
20
0.31
0.34
0.36
0.33
0.44
LPS5010-683ML_
68
2.00
15
0.26
0.29
0.30
0.25
0.35
LPS5010-104ML_
100
3.10
12
0.21
0.23
0.24
0.21
0.28
LPS5010-124ML_
120
3.50
11
0.20
0.22
0.23
0.19
0.25
LPS5010-154ML_
150
4.25
9.0 0.18
0.20
0.21
0.17
0.23
LPS5010-224ML_
220
6.25
7.0 0.15
0.16
0.17
0.15
0.20
LPS5010-334ML_
330
8.60
5.5 0.12
0.13
0.14
0.13
0.185
LPS5010-474ML_
470
12.7
4.5 0.090
0.11
0.11
0.11
0.150
LPS5010-564ML_
560
15.7
4.0 0.090
0.10
0.10
0.10
0.135
LPS5010-684ML_
680
20.0
3.7 0.090
0.097
0.10
0.090 0.125
LPS5010-105ML_
1000
28.0
3.0 0.087
0.096
0.10
0.080 0.110
• Very low DCR; excellent current handling
• 5.0 × 5.0 mm footprint; less than 1.0 mm tall
Designer’s Kit C407 contains 3 each of all values
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 70 – 75 mg
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 1000/7
″reel; 3000/13″ reel Plastic tape: 12 mm wide,
0.3 mm thick, 8 mm pocket spacing, 1.02 mm pocket depth
Recommended pick and place nozzle OD: 5 mm; ID:
≤ 2.5 mm
PCB washing Only pure water or alcohol recommended
1. Please specify termination and packaging codes:
LPS5010-105M
LC
Termination: L = RoHS compliant silver-palladium-
platinum-glass frit.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or S = non-RoHS tin-lead (63/37).
Packaging:
C=7
″ machine-ready reel. EIA-481
embossed plastic tape (1000 parts
per full reel).
B= Less than full reel. In tape, but not
machine ready.
To have a leader and trailer added
($25 charge), use code letter C
instead.
D=13
″ machine-ready reel. EIA-481
embossed plastic tape. Factory
order only, not stocked (3500 parts
per full reel).
2. Inductance tested at 100 kHz, 0.1 Vrms using an
Agilent/HP 4192A. Inductance at 1 MHz is the same
for parts with SRF
≥10 MHz.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 8753ES or equiva-
lent.
5. DC current that causes the specified inductance drop
from its value without current.
6. Current that causes the specified temperature rise
from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components”
before soldering.


Similar Part No. - LPS5010-682ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS5010-682MLB COILCRAFT-LPS5010-682MLB Datasheet
204Kb / 1P
   LPS5010 Power Inductors
More results

Similar Description - LPS5010-682ML

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com