Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPH6-0158L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # HPH6-0158L
Description  Hexa-Path Magnetics
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

HPH6-0158L Datasheet(HTML) 1 Page - Coilcraft lnc.

  HPH6-0158L Datasheet HTML 1Page - Coilcraft lnc. HPH6-0158L Datasheet HTML 2Page - Coilcraft lnc. HPH6-0158L Datasheet HTML 3Page - Coilcraft lnc. HPH6-0158L Datasheet HTML 4Page - Coilcraft lnc. HPH6-0158L Datasheet HTML 5Page - Coilcraft lnc. HPH6-0158L Datasheet HTML 6Page - Coilcraft lnc. HPH6-0158L Datasheet HTML 7Page - Coilcraft lnc. HPH6-0158L Datasheet HTML 8Page - Coilcraft lnc. HPH6-0158L Datasheet HTML 9Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
© Coilcraft, Inc. 2009
Document 613-1
Revised 01/23/09
Hexa-Path Magnetics
Document 613-1
HP1, HPH1
HP2, HPH2
HP3, HPH3
HP4, HPH4
HP5, HPH5
HP6, HPH6
• Six 1 :1 isolated windings that can be
connected in series or parallel
• Tightly coupled windings
• 500 Vrms isolation between each
winding
• Power range: 5 – 50 Watts as inductor
and flyback transformer; up to
150 Watts as forward transformer
• Frequency range up to 1 MHz
These off-the shelf parts can be used
to create thousands of configura-
tions, providing a convenient method
for designers to create custom mag-
netics. By connecting the windings
in series or parallel, the Hexa-Path
components can be configured as
inductors, coupled inductors and
transformers for use in virtually any
application: flyback, buck/boost,
push-pull, forward, full and half
bridge, Cuk, and SEPIC.
There are six different sizes avail-
able with five HP parts and five HPH
parts in each size. The HP offers
lower DCR and higher
Irms ratings.
The HPH offers higher inductance and
greater energy storage capabilities.
49
310
58
67
112
211
Outer
Inner
HP3, HP4, HP5, HP6
Two trifilar windings
49
310
58
67
112
211
Outer
Middle
Inner
HPH3, HPH4, HPH5, HPH6
Three bifilar windings
10
7
63
11
8
12
9
41
52
One 6-filar winding
HP1, HP2,
HPH2
HPH1,
-40
-20
0
20
40
60
80
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
CurrentDerating
Winding Layouts


Similar Part No. - HPH6-0158L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
HPH6-0158L COILCRAFT-HPH6-0158L Datasheet
609Kb / 10P
   Hexa-Path Magnetics
More results

Similar Description - HPH6-0158L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
HP1-1400L COILCRAFT-HP1-1400L_15 Datasheet
609Kb / 10P
   Hexa-Path Magnetics
HPX2126LB COILCRAFT-HPX2126LB_13 Datasheet
142Kb / 4P
   High Power PoE Signal Path Magnetics
HPX2126L COILCRAFT-HPX2126L Datasheet
245Kb / 4P
   High Power PoE Signal Path Magnetics
logo
Taoglas antenna solutio...
FXP14.09.0100A TAOGLAS-FXP14.09.0100A_13 Datasheet
436Kb / 7P
   FXP14 Hexa Band Cellular Antenna
FXP14240100B TAOGLAS-FXP14240100B Datasheet
277Kb / 7P
   FXP14 Hexa-Band Cellular Antenna
logo
List of Unclassifed Man...
PA700J ETC2-PA700J Datasheet
2Mb / 15P
   Hexa-Band Cellular SMD Antenna
logo
Taoglas antenna solutio...
FXP14R.A.07.0100A TAOGLAS-FXP14R.A.07.0100A_13 Datasheet
557Kb / 9P
   FXP14 Hexa-Band Cellular Antenna
FXP14.24.0100B TAOGLAS-FXP14.24.0100B_13 Datasheet
402Kb / 7P
   FXP14 Hexa Band Cellular Antenna
FXP14.07.0100A TAOGLAS-FXP14.07.0100A_14 Datasheet
453Kb / 7P
   FXP14 Hexa Band Cellular Antenna
PA25A TAOGLAS-PA25A Datasheet
1Mb / 17P
   Anam Hexa-Band Cellular SMT Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com