Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ME3215-332ML Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ME3215-332ML
Description  SMT Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ME3215-332ML Datasheet(HTML) 1 Page - Coilcraft lnc.

  ME3215-332ML Datasheet HTML 1Page - Coilcraft lnc. ME3215-332ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
SMT Power Inductors–ME3215 Series
Document 432 -1
Document 432-1
Revised 10/15/08
1. Please specify termination and packaging codes:
ME3215-104K
LC
Termination: L = RoHS matte tin over nickel over silver.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or S = non-RoHS tin-lead (63/37).
Packaging:
C =7
″ machine-ready reel. EIA-481
embossed plastic tape (2000 per full
reel).
B = Less than full reel. In tape, but not
machine ready. To have a leader and
trailer added ($25 charge), use code
letter C instead.
D =13
″ machine-ready reel. EIA-481
embossed plastic tape. Factory order
only, not stocked (7000 parts per full
reel).
2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc using
Coilcraft SMD-A fixture in Agilent/HP 4284A impedance
analyzer.
3. DCR measured on a micro-ohmmeter and Coilcraft
CCF858 test fixture.
4. SRF measured using Agilent/HP 8753D network
analyzer and Coilcraft SMD-D test fixture.
5. DC current at which the inductance drops the specified
amount from its value without current.
6. Current that causes the specified temperature rise from
25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components”
before soldering.
DCR
SRF
Isat (A)5
Irms (A)6
Inductance2
max3
typ4
10%
20% 30%
20°C 40°C
Part number1
(µH)
(Ohms) (MHz) drop drop drop
rise
rise
ME3215-102ML_
1.0 ±20%
0.058
100
2.32
2.62
2.80
1.70
2.30
ME3215-222ML_
2.2 ±20%
0.107
64
1.62
1.84
2.00
1.30
1.70
ME3215-332ML_
3.3 ±20%
0.170
55
1.22
1.40
1.50
1.05
1.45
ME3215-472ML_
4.7 ±20%
0.245
43
1.06
1.20
1.30
0.83
1.14
ME3215-103KL_
10 ±10%
0.505
26
0.71
0.81
0.85
0.60
0.79
ME3215-153KL_
15 ±10%
0.773
26
0.58
0.65
0.70
0.48
0.65
ME3215-223KL_
22 ±10%
1.00
19
0.50
0.57
0.61
0.42
0.56
ME3215-333KL_
33 ±10%
1.48
17
0.42
0.47
0.51
0.35
0.48
ME3215-473KL_
47 ±10%
2.33
15
0.33
0.38
0.41
0.35
0.48
ME3215-683KL_
68 ±10%
3.40
12
0.28
0.31
0.34
0.24
0.32
ME3215-104KL_ 100 ±10%
4.67
10
0.23
0.26
0.27
0.18
0.25
Designer’s Kit C408 contains 3 each of all values
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant matte tin over nickel over silver.
Other terminations available at additional cost.
Weight 46 – 48 mg
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 2000/7
″reel; 7000/13″ reel Plastic tape: 12 mm wide,
0.25 mm thick, 4 mm pocket spacing, 2.25 mm pocket depth
PCB washing Only pure water or alcohol recommended
• Low profile, small footprint power inductor
• 2.5 × 3.2 mm footprint; 1.55 mm tall


Similar Part No. - ME3215-332ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ME3215-332MLB COILCRAFT-ME3215-332MLB Datasheet
126Kb / 2P
   SMT Power Inductors ??ME3215
ME3215-332MLC COILCRAFT-ME3215-332MLC Datasheet
126Kb / 2P
   SMT Power Inductors ??ME3215
ME3215-332MLD COILCRAFT-ME3215-332MLD Datasheet
126Kb / 2P
   SMT Power Inductors ??ME3215
More results

Similar Description - ME3215-332ML

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com