Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6303MTC1406X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FMS6303MTC1406X
Description  Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6303MTC1406X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FMS6303MTC1406X Datasheet HTML 1Page - Fairchild Semiconductor FMS6303MTC1406X Datasheet HTML 2Page - Fairchild Semiconductor FMS6303MTC1406X Datasheet HTML 3Page - Fairchild Semiconductor FMS6303MTC1406X Datasheet HTML 4Page - Fairchild Semiconductor FMS6303MTC1406X Datasheet HTML 5Page - Fairchild Semiconductor FMS6303MTC1406X Datasheet HTML 6Page - Fairchild Semiconductor FMS6303MTC1406X Datasheet HTML 7Page - Fairchild Semiconductor FMS6303MTC1406X Datasheet HTML 8Page - Fairchild Semiconductor FMS6303MTC1406X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6303 • Rev. 1.0.1
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
DC Supply Voltage
-0.3
6.0
V
VIO
Analog and Digital I/O
-0.3
VCC+0.3
V
IOUT
Output Current, Any One Channel, Do Not Exceed
50
mA
Reliability Information
Symbol
Parameter
Min.
Typ.
Max.
Unit
TJ
Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65
+150
°C
TL
Reflow Temperature, Soldering 10 Seconds
+260
°C
ΘJA
Thermal Resistance, JEDEC Standard Multi-Layer Test
Boards, Still Air
97
°C/W
Electrostatic Discharge Information
Symbol
Parameter
Max.
Unit
Human Body Model, JESD22-A114
9
ESD
Charged Device Model, JESD22-C101
2
kV
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
TA
Operating Temperature Range
-40
+85
°C
VCC
Supply Voltage Range
4.75
5.00
5.25
V
Electrical Characteristics
Unless otherwise noted, TA=25°C, VCC=5V, RSOURCE=37.5Ω, inputs AC coupled with 0.1µF, all outputs AC coupled
with 220µF into 150
Ω loads, referenced to 400kHz.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Av
Channel Gain
(2)
DC
5.8
6.0
6.2
dB
No Load, SD, ED, HD 1080i
36
ICC
Supply Current
(2)
No Load, HD 1080p
60
80
mA
ICC_SD
Shutdown Supply Current
(2)
No Load, Output Disabled
20
40
mA
PSRR
Power Supply Rejection
DC (All Channels)
70
dB
VIN
Video Input Voltage Range
Referenced to GND if DC
Coupled
1.0
VPP
VIL
Digital Input Low
(2)
FSEL0, FSEL1
0
0.8
V
VIH
Digital Input High
(2)
FSEL0, FSEL1
2.4
VCC
V
tENABLE
Output Enable Time
150
Ω DC Load
10
µs
Note:
2.
100% tested at 25°C.


Similar Part No. - FMS6303MTC1406X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6303MTC1406X FAIRCHILD-FMS6303MTC1406X Datasheet
768Kb / 12P
   Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
logo
ON Semiconductor
FMS6303MTC1406X ONSEMI-FMS6303MTC1406X Datasheet
906Kb / 14P
   Low-Cost, 3-Channel, Video Filter Driver
February 2012 Rev. 1.0.2
More results

Similar Description - FMS6303MTC1406X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6303 FAIRCHILD-FMS6303_12 Datasheet
768Kb / 12P
   Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
FMS6203 FAIRCHILD-FMS6203_07 Datasheet
472Kb / 9P
   Low-Cost, 3-Channel Video Filter Driver for SD/PS/HD
logo
ON Semiconductor
FMS6646 ONSEMI-FMS6646 Datasheet
912Kb / 14P
   Six Channel, SD/HD 1080p Video Filter Driver
May 2011 Rev. 1.0.3
FMS6203 ONSEMI-FMS6203 Datasheet
657Kb / 10P
   Low-Cost, 3-Channel, Video Filter Driver for SD/PS/HD
August 2009 Rev. 1.0.4
logo
Fairchild Semiconductor
FMS6646 FAIRCHILD-FMS6646 Datasheet
1,011Kb / 12P
   Six Channel, SD/HD (1080p) Video Filter Driver
FMS6646 FAIRCHILD-FMS6646_09 Datasheet
446Kb / 12P
   Six Channel, SD/HD 1080p Video Filter Driver
FMS6203_0611 FAIRCHILD-FMS6203_0611 Datasheet
303Kb / 9P
   Low-Cost 3-Channel Video Filter Driver for SD/PS/HD
logo
Analog Devices
ADA4420-6 AD-ADA4420-6 Datasheet
280Kb / 12P
   Low Cost 6-Channel HD/SD Video Filter
REV. 0
logo
Fairchild Semiconductor
FMS6203 FAIRCHILD-FMS6203 Datasheet
82Kb / 7P
   Low-cost 3-Channel Video Filter Drivers for SD/PS/HD
logo
SG Micro Corp
SGM9134 SGMICRO-SGM9134 Datasheet
330Kb / 12P
   4-Channel, Video Filter Driver for SD/HD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com