Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82503U0000E001 Datasheet(PDF) 3 Page - EPCOS

Part # B82503U0000E001
Description  Power line chokes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82503U0000E001 Datasheet(HTML) 3 Page - EPCOS

  B82503U0000E001 Datasheet HTML 1Page - EPCOS B82503U0000E001 Datasheet HTML 2Page - EPCOS B82503U0000E001 Datasheet HTML 3Page - EPCOS B82503U0000E001 Datasheet HTML 4Page - EPCOS B82503U0000E001 Datasheet HTML 5Page - EPCOS B82503U0000E001 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Dimensional drawing
Technical data and measuring conditions
Rated voltage VR
400 V AC (50/60 Hz) / 450 V DC
During operation between winding and metal parts
(VDE 0565-2).
Test voltage Vtest
2800 V AC, 2 s (winding/core)
Rated temperature TR
40
°C
Rated current IR
Referred to 50 Hz and rated temperature
Permissible operating current at 400 Hz
0.75 · IR
Rated inductance LR
Measured with Agilent 4284A at 0.1 mA, 20
°C
Measuring frequency: LR ≤ 1 mH = 100 kHz
LR > 1 mH = 10 kHz
Inductance tolerance
±20% at 20 °C
DC resistance Rtyp
Measured at 20
°C, typical values
Solderability (lead-free)
Sn96.5Ag3.0Cu0.5: (245
±5) °C, (3 ±0.3) s
Wetting of soldering area
≥ 95%
(to IEC 60068-2-20, test Ta)
Resistance to soldering heat
(wave soldering)
(260
±5) °C, (10 ±1) s
(to IEC 60068-2-20, test Tb)
Storage conditions (packaged)
–25 °C … +40 °C,
≤ 75% RH
Climatic category
40/125/56 (to IEC 60068-1)
IND0690-H-E
49.5±0.5
9.5±0.2
2
1
4
3
51±0.2
58±0.5
17.5±0.5
Marking
4
1
AB
0.8
Sectional view A-B
Tolerances to ISO 2768-C
unless otherwise noted.
Dimensions in mm
IND0690-H-E
B82503U*E
Power line chokes
I core chokes


Similar Part No. - B82503U0000E001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82503 EPCOS-B82503 Datasheet
88Kb / 2P
   Chokes for Power Lines
B82503-U-A10 EPCOS-B82503-U-A10 Datasheet
88Kb / 2P
   Chokes for Power Lines
B82503-U-A12 EPCOS-B82503-U-A12 Datasheet
88Kb / 2P
   Chokes for Power Lines
B82503-U-A13 EPCOS-B82503-U-A13 Datasheet
88Kb / 2P
   Chokes for Power Lines
B82503-U-A14 EPCOS-B82503-U-A14 Datasheet
88Kb / 2P
   Chokes for Power Lines
More results

Similar Description - B82503U0000E001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
B82523T0000E005 EPCOS-B82523T0000E005 Datasheet
137Kb / 6P
   Power line chokes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com