Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1812SMS-R15-L Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 1812SMS-R15-L
Description  Midi Spring짰 Air Core Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1812SMS-R15-L Datasheet(HTML) 2 Page - Coilcraft lnc.

  1812SMS-R15-L Datasheet HTML 1Page - Coilcraft lnc. 1812SMS-R15-L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Document 184-2
Document 184-2
Revised 10/29/08
Midi Spring® Air Core Inductors
Typical L vs Frequency
Typical Q vs Frequency
0
1
10
Frequency (MHz)
100
1000
10000
22 nH
39 nH
68 nH
120 nH
250
200
150
100
50
1
10
Frequency (MHz)
100
1000
10000
22 nH
39 nH
68 nH
120 nH
0
250
200
150
100
50
Encapsulant
135°
max
0° min
Recommended
Land Pattern
Strip
Length
A
B
D
C
E
F
0.103
2,62
0.203
5,16
0.058
1,48
0.170
4,32
0.195
0.250
0.165
0.170 ±0.015
0.030
A max
B max
C max
D
E
F max
0.140 ±0.010
4,95
6,35
4,20
3,56 ±0,25
4,32 ±0,38
0,76
Irms Derating
-40
-20
0
20
40
60
80
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Dimensions are in
inches
mm
Designer’s Kit C318 contains 12 each of all 5% values.
Designer’s Kit C318-2 contains12 each of all 2% values.


Similar Part No. - 1812SMS-R15-L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1812SMS-R15GLB COILCRAFT-1812SMS-R15GLB Datasheet
328Kb / 2P
   Midi Spring Air Core Inductors
1812SMS-R15GLB COILCRAFT-1812SMS-R15GLB Datasheet
553Kb / 2P
   Midi Spring짰 Air Core Inductors
1812SMS-R15GLC COILCRAFT-1812SMS-R15GLC Datasheet
328Kb / 2P
   Midi Spring짰 Air Core Inductors
1812SMS-R15GLC COILCRAFT-1812SMS-R15GLC Datasheet
553Kb / 2P
   Midi Spring짰 Air Core Inductors
1812SMS-R15GLD COILCRAFT-1812SMS-R15GLD Datasheet
553Kb / 2P
   Midi Spring짰 Air Core Inductors
More results

Similar Description - 1812SMS-R15-L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1812SMS-22NGLC COILCRAFT-1812SMS-22NGLC_15 Datasheet
553Kb / 2P
   Midi Spring짰 Air Core Inductors
1812SMS-33NJLC COILCRAFT-1812SMS-33NJLC Datasheet
328Kb / 2P
   Midi Spring짰 Air Core Inductors
1812SMS-R12GLC COILCRAFT-1812SMS-R12GLC Datasheet
328Kb / 2P
   Midi Spring Air Core Inductors
logo
API Delevan
4726R API-4726R Datasheet
1Mb / 1P
   Air Core Inductors
logo
Coilcraft lnc.
NA5931 COILCRAFT-NA5931_14 Datasheet
228Kb / 2P
   Air Core Inductors
GA3092-AL COILCRAFT-GA3092-AL Datasheet
213Kb / 2P
   Air Core Inductors
logo
API Delevan
4426R API-4426R Datasheet
1Mb / 1P
   Air Core Inductors
logo
List of Unclassifed Man...
4426-1 ETC1-4426-1 Datasheet
39Kb / 1P
   Air Core Inductors
5526-1 ETC1-5526-1 Datasheet
30Kb / 1P
   Air Core Inductors
logo
API Delevan
5526R API-5526R Datasheet
1Mb / 1P
   Air Core Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com