Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLC1565-501ML Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # MLC1565-501ML
Description  SMT Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MLC1565-501ML Datasheet(HTML) 2 Page - Coilcraft lnc.

  MLC1565-501ML Datasheet HTML 1Page - Coilcraft lnc. MLC1565-501ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
SMT Power Inductors - MLC Series
Specifications subject to change without notice.
Please check our website for latest information.
Document 327-2
Document 327-2
Revised 07/23/09
Typical L vs Frequency
0.01
0.1
110
0.1
1
10
0.01
0.1
110
Frequency (MHz)
MLC1538-152
MLC1550-452
MLC1555-551
MLC1265-361
MLC1538-102
MLC1565-282
0.1
1
0.1
1
10
10
100
Current (A)
MLC1538-152
MLC1550-452
MLC1555-551
MLC1265-361
MLC1538-102
MLC1565-282
Typical L vs Current
A
B
D
C
E
F
F
G
H
Recommended
Land Pattern
MLCxxxx
-
MLC
xxx
Dimensions
Temperature Rise vs Current
70
60
50
40
30
20
0
10
Current (A rms)
5
015
25
20
10
Tape and Reel
MLC1240
250/7
″ reel;
900/13
″ reel
24 mm tape width
MLC1245
200/7
″ reel;
800/13
″ reel
24 mm tape width
MLC1250
200/7
″ reel;
700/13
″ reel
24 mm tape width
MLC1255
200/7
″ reel;
700/13
″ reel
24 mm tape width
MLC1260
175/7
″ reel;
600/13
″ reel
24 mm tape width
MLC1265
150/7
″ reel;
600/13
″ reel
24 mm tape width
MLC1538
200/7
″ reel;
800/13
″ reel
24 mm tape width
MLC1550
150/7
″ reel;
600/13
″ reel
24 mm tape width
MLC1555
150/7
″ reel;
500/13
″ reel
24 mm tape width
MLC1560
150/7
″ reel;
500/13
″ reel
24 mm tape width
MLC1565
125/7
″ reel;
500/13
″ reel
24 mm tape width
7
″ reels are stocked; 13″ reels are factory orders only.
For packaging data see Tape and Reel Specifications section.
Inductance vs current is unaffected by part temperature up to 135°C.
Weight:
MLC12XX 1.91 – 3.03 g; MLC15XX 2.73 – 4.72 g
Body
A
B
C
Size
max
max
max
D
E
F
G
H
1240
11.2
10.5
4.1
1.8
2.3
4.0
4.0
2.7
1245
11.2
10.5
4.6
1.8
2.3
4.0
4.0
2.7
1250
11.2
10.5
5.1
1.8
2.3
4.0
4.0
2.7
1255
11.4
10.5
5.6
1.8
2.3
4.0
4.0
2.7
1260
11.4
10.5
6.1
1.8
2.3
4.0
4.0
2.7
1265
11.4
10.5
6.5
1.8
2.3
4.0
4.0
2.7
1538
13.8
13.2
3.9
2.4
3.0
5.0
5.4
3.4
1550
13.8
13.2
5.2
2.4
3.0
5.0
5.4
3.4
1555
13.8
13.2
5.6
2.4
3.0
5.0
5.4
3.4
1560
13.8
13.2
6.0
2.4
3.0
5.0
5.4
3.4
1565
14.0
13.2
6.5
2.4
3.0
5.0
5.4
3.4
All dimensions are in mm.


Similar Part No. - MLC1565-501ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MLC1565-501ML_ COILCRAFT-MLC1565-501ML_ Datasheet
193Kb / 3P
   Shielded Power Inductors
MLC1565-501ML_ COILCRAFT-MLC1565-501ML_ Datasheet
193Kb / 3P
   Shielded Power Inductors
MLC1565-501ML_ COILCRAFT-MLC1565-501ML_ Datasheet
193Kb / 3P
   Shielded Power Inductors
MLC1565-501ML_ COILCRAFT-MLC1565-501ML_ Datasheet
193Kb / 3P
   Shielded Power Inductors
More results

Similar Description - MLC1565-501ML

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com