Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82422A1563K100 Datasheet(PDF) 8 Page - EPCOS

Part # B82422A1563K100
Description  SMT inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82422A1563K100 Datasheet(HTML) 8 Page - EPCOS

  B82422A1563K100 Datasheet HTML 1Page - EPCOS B82422A1563K100 Datasheet HTML 2Page - EPCOS B82422A1563K100 Datasheet HTML 3Page - EPCOS B82422A1563K100 Datasheet HTML 4Page - EPCOS B82422A1563K100 Datasheet HTML 5Page - EPCOS B82422A1563K100 Datasheet HTML 6Page - EPCOS B82422A1563K100 Datasheet HTML 7Page - EPCOS B82422A1563K100 Datasheet HTML 8Page - EPCOS B82422A1563K100 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
06/09
Cautions and warnings
Please note the recommendations in our Inductors data book (latest edition) and in the data
sheets.
– Particular attention should be paid to the derating curves given there.
– The soldering conditions should also be observed. Temperatures quoted in relation to wave
soldering refer to the pin, not the housing.
If the components are to be washed varnished it is necessary to check whether the washing
varnish agent that is used has a negative effect on the wire insulation, any plastics that are used,
or on glued joints. In particular, it is possible for washing varnish agent residues to have a
negative effect in the long-term on wire insulation.
The following points must be observed if the components are potted in customer applications:
– Many potting materials shrink as they harden. They therefore exert a pressure on the plastic
housing or core. This pressure can have a deleterious effect on electrical properties, and in
extreme cases can damage the core or plastic housing mechanically.
– It is necessary to check whether the potting material used attacks or destroys the wire
insulation, plastics or glue.
– The effect of the potting material can change the high-frequency behaviour of the components.
Ferrites are sensitive to direct impact. This can cause the core material to flake, or lead to
breakage of the core.
Even for customer-specific products, conclusive validation of the component in the circuit can
only be carried out by the customer.
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B82422A1563K100

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82422A1563K108 TDK-B82422A1563K108 Datasheet
146Kb / 2P
   Inductors (Coils)
More results

Similar Description - B82422A1563K100

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
B82422T EPCOS-B82422T Datasheet
148Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com