Electronic Components Datasheet Search |
|
SPB-9780RLW-1590G Datasheet(PDF) 1 Page - Optoway Technology Inc |
|
SPB-9780RLW-1590G Datasheet(HTML) 1 Page - Optoway Technology Inc |
1 / 6 page Optoway SPB-9780RW-1590G *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2008 V1.0 1 SPB-9780RW-1590G / SPB-9780BRW-1590G / SPB-9780ARW-1590G (SC) (RoHS Compliant) SPB-9780RLW-1590G / SPB-9780BRLW-1590G / SPB-9780ARLW-1590G (LC) 1590 nm TX / 1510 nm RX , 3.3V / 3.2 Gb/s Digital Diagnostic Single-Fiber SFP Transceiver ********************************************************************************************************************************************************************** FEATURES l Multirate up to 3.2 Gb/s l 1-Fiber Bi-Directional SFP Optical Transceiver l Simplex SC Connector: SPB-9780RW-1590G l Simplex LC Connector: SPB-9780RLW-1590G l SFF-8472 Digital Diagnostic Function l 1590 nm DFB LD Transmitter l 1510 nm Receiver l Distance Up to 80 km l AC/AC Coupling according to MSA l Single +3.3 V Power Supply l RoHS Compliant l 0 to 70oC Operation: SPB-9780RW-1590G l -10 to 85oC Operation: SPB-9780BRW-1590G l -40 to 85oC Operation: SPB-9780ARW-1590G l Class 1 Laser International Safety Standard IEC 60825 Compliant APPLICATIONS l 10GBASE LX-4 l Serial ATA / ATA2 l SONET OC-48 / SDH STM-16 l SONET OC-12 / SDH STM-4 l SONET OC-3 / SDH STM-1 l Gigabit Ethernet / 1X/2X Fibre Channel DESCRIPTION The SPB-9780RW-1590G series is high performance module for 10GBASE LX-4, Serial ATA/ATA2, SONET OC-48 / SDH STM-16, Gigabit Ethernet 1000BASE-LX and 1x/2x Fibre Channel single fiber communications by using 1590 nm transmitter and 1510 nm receiver. It is with the SFP 20-pin connector to allow hot plug capability. Digital diagnostic functions are available via an I 2C. The transmitter section uses a multiple quantum well 1590 nm DFB laser and is a class 1 laser compliant according to International Safety Standard IEC 60825. The receiver section is designed to receive 1510 nm signal. The receiver section uses an integrated 1510 nm detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC. LASER SAFETY This single mode transceiver is a Class 1 laser product. It complies with IEC 60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug. ORDER INFORMATION P/No. Bit Rate (Gb/s) Distance (km) TX (nm) RX (nm) Package Temp ( oC) TX Power (dBm) RX Sens. (dBm) RoHS Compliant SPB-9780RW-1590G Multirate* 80 1590DFB 1510 SC SFP with DMI 0 to 70 3 to -2 -28 Yes SPB-9780BRW-1590G Multirate* 80 1590DFB 1510 SC SFP with DMI -10 to 85 3 to -2 -28 Yes SPB-9780ARW-1590G Multirate* 80 1590DFB 1510 SC SFP with DMI -40 to 85 3 to -2 -28 Yes SPB-9780RLW-1590G Multirate* 80 1590DFB 1510 LC SFP with DMI 0 to 70 3 to -2 -28 Yes SPB-9780BRLW-1590G Multirate* 80 1590DFB 1510 LC SFP with DMI -10 to 85 3 to -2 -28 Yes SPB-9780ARLW-1590G Multirate* 80 1590DFB 1510 LC SFP with DMI -40 to 85 3 to -2 -28 Yes Multirate*: 3.185Gb/s, 3.125Gb/s, 2.67 Gb/s / OC-48 / 2X FC / GbE / 1X FC / OC-12 / OC-3 |
Similar Part No. - SPB-9780RLW-1590G |
|
Similar Description - SPB-9780RLW-1590G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |