Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSS1048-333ML Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # MSS1048-333ML
Description  SMT Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MSS1048-333ML Datasheet(HTML) 2 Page - Coilcraft lnc.

  MSS1048-333ML Datasheet HTML 1Page - Coilcraft lnc. MSS1048-333ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
SMT Power Inductors – MSS1048
Specifications subject to change without notice.
Please check our website for latest information.
Document 462-2
Document 462-2
Revised 06/09/09
0.402 ±0.012
10,2 ±0,3
0.394 ±0.012
10,0 ±0,3
0.189 ±0.012
4,8 ±0,3
0.311 ±0.012
7,9 ±0,3
0.051 ±0.008
1,3 ±0,2
0.118 ±0.008
3,0 ±0,2
Recommended
Land Pattern
123
X
Parts manufactured prior
to Sept. 2007 were marked
with only the dash number.
Dash number
Internal code
0.14
3,56
0.37
9,40
0.07
1,78
Typical L vs Current
0.1
1
10
100
1000
0.1
1
100
10
Current (A)
330 µH
33 µH
3.3 µH
0.8 µH
10 µH
100 µH
Typical L vs Frequency
0.1
1
10
100
1000
0.01
0.1
10
1
Frequency (MHz)
330 µH
33 µH
3.3 µH
0.8 µH
100 µH
10 µH
Typical Current Derating
-40
-20
0
20
40
60
80
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
Dimensions are in
inches
mm


Similar Part No. - MSS1048-333ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSS1048-333ML COILCRAFT-MSS1048-333ML Datasheet
173Kb / 2P
   Shielded Power Inductors ??MSS1048
MSS1048-333ML COILCRAFT-MSS1048-333ML Datasheet
173Kb / 2P
   Shielded Power Inductors ??MSS1048
MSS1048-333ML COILCRAFT-MSS1048-333ML Datasheet
184Kb / 2P
   Shielded Power Inductors
MSS1048-333MLB COILCRAFT-MSS1048-333MLB Datasheet
173Kb / 2P
   Shielded Power Inductors - MSS1048
MSS1048-333MLC COILCRAFT-MSS1048-333MLC Datasheet
173Kb / 2P
   Shielded Power Inductors - MSS1048
More results

Similar Description - MSS1048-333ML

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com