Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSD1260T-334KL Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # MSD1260T-334KL
Description  Coupled Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MSD1260T-334KL Datasheet(HTML) 3 Page - Coilcraft lnc.

  MSD1260T-334KL Datasheet HTML 1Page - Coilcraft lnc. MSD1260T-334KL Datasheet HTML 2Page - Coilcraft lnc. MSD1260T-334KL Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© Coilcraft, Inc. 2009
High Temperature Coupled Inductors for SEPIC – MSD1260T
Document 703-3
Specifications subject to change without notice.
Please check our website for latest information.
Document 703-3
Revised 08/28/09
Typical L vs Frequency
Typical L vs Current
1
10
100
1000
10000
0.1
1
100
10
Current (A)
100 µH
10 µH
4.7 µH
47 µH
1000 µH
470 µH
1
10
100
1000
10000
0.01
0.1
10
1
Frequency (MHz)
100 µH
10 µH
4.7 µH
47 µH
1000 µH
470 µH
Current Derating
-40 -20
0
20
40
60
80
100
180
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms


Similar Part No. - MSD1260T-334KL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSD1260T-334KL_ COILCRAFT-MSD1260T-334KL_ Datasheet
500Kb / 3P
   Coupled Inductors
More results

Similar Description - MSD1260T-334KL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPR4012-202AML COILCRAFT-LPR4012-202AML Datasheet
210Kb / 2P
   Coupled Inductors
MSD1278T COILCRAFT-MSD1278T Datasheet
238Kb / 3P
   Coupled Inductors
LPD4012 COILCRAFT-LPD4012_15 Datasheet
413Kb / 3P
   Coupled Inductors
MSD1048 COILCRAFT-MSD1048 Datasheet
512Kb / 3P
   Coupled Inductors
MSD1260 COILCRAFT-MSD1260_15 Datasheet
513Kb / 3P
   Coupled Inductors
LPD5010 COILCRAFT-LPD5010 Datasheet
433Kb / 3P
   Coupled Inductors
LPD6235 COILCRAFT-LPD6235 Datasheet
453Kb / 3P
   Coupled Inductors
MSC1278 COILCRAFT-MSC1278 Datasheet
235Kb / 2P
   Coupled Inductors
MSD7342 COILCRAFT-MSD7342_15 Datasheet
431Kb / 3P
   Coupled Inductors
MSD1260-103MLD COILCRAFT-MSD1260-103MLD Datasheet
251Kb / 3P
   Coupled Inductors
LPD5030 COILCRAFT-LPD5030 Datasheet
275Kb / 3P
   Coupled Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com