Electronic Components Datasheet Search |
|
FL-3315S-VLA Datasheet(PDF) 1 Page - Optoway Technology Inc |
|
FL-3315S-VLA Datasheet(HTML) 1 Page - Optoway Technology Inc |
1 / 4 page Optoway FL-3300 ******************************************************************************************************************************************************** ******************************************************************************************************************************************************* OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 4/15/2009 V3.0 1310 nm LASER DIODE MODULES FL-3300 SERIES UNCOOLED MQW-FP LD WITH PIGTAIL ******************************************************************************************************************************************************* FEATURES 1310 nm typical emission wavelength High reliability, long operation life High temperature operation without active cooling Build-in InGaAs monitor APPLICATION Trunk Line, FitL DESCRIPTION FL-3300 series are designed for coupling a single mode optical fiber with 1310 nm MQW-FP uncooled laser diode. FL-3300 series are the best kits as light sources for telecom and datacom applications. ELECTRICAL AND OPTICAL CHARACTERISTICS (TC=25 °C) Symbol Parameter Test Conditions Min. Typ. Max. Unit Ith Threshold Current CW 10 15 mA VOP Operating Voltage CW, IF= Ith+20mA 1.2 1.5 V Pf Optical Output Power Part No:FL-330XX FL-331XX FL-332XX FL-333XX FL-334XX CW, IF= Ith+20mA 0.2 0.5 1.0 2.0 3.0 0.5 1.0 2.0 3.0 - mW λ c Center Wavelength CW, Ith+20mA 1290 1310 1330 nm Δλ Spectral Width CW, Ith+20mA , RMS (σ) 1 3 nm t r, t f Rise And Fall Times Part No:FL-33XX FL-33XXS IF=Ith, Ith+20mA , 20~ 80% 226 150 ps Δ P f / P f Tracking Error APC, -40~+85 ºC -1.0 1.0 dB Im PD Monitor Current CW, Ith+20mA,VRD=1V 100 μ A ID PD Dark Current VRD=5V 0.1 μ A Ct PD Capacitance VRD=5V, f=1MHz 10 15 pF |
Similar Part No. - FL-3315S-VLA |
|
Similar Description - FL-3315S-VLA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |