Part Name
         Description
ACE78LXX

 Positive Voltage Regulator ( 9 Page)


ACE
100% 
Zoom Out Zoom In
   
 1 page
background image
 
                                                                                                                
ACE78LXX
                        Technology
Positive Voltage Regulator
VER1.2
Description
The ACE78LXX series of positive regulators are available in the SOT-89-3 package and with 5V, 6V, 8V,
9V, 10V, 12V, 15V, 18V and 24V fixed output voltages, marking it useful in a wide range of applications.
These regulators can provide local on-card regulation, eliminating the distribution problems associated
with single point regulation. Each type employs internal current limiting, thermal shut-down and safe
operating area protection, making it essentially indestructible. If adequate heat sinking is provided, they
can deliver over 100mA output current. Although designed primarily as fixed voltage regulators, these
devices can be used with external components to obtain adjustable voltages and currents. ACE78LXX is
characterized for operation from 0℃ to +125℃.
Features
Internal Short-Circuit Current Limiting
Internal Thermal Overload Protection
No External Components Required
Absolute Maximum Ratings
Parameter
Max
Unit
ACE78L05~10
30
ACE78L12~18
35
Input Voltage
ACE78L24
40
V
Output current
100
mA
Operating junction temperature range
0 ~125
OC
Storage temperature range
- 55 ~ 150
OC
Power Dissipation
350*
mW
* When tested in free air condition, without heat sinking.
Packaging Type
SOT-89-3
1
VOUT
2
GND
3
VIN
1
2
3
1  2  3  4  5  6  7  8  9 




Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl