Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE78L08 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE78L08
Description  Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE78L08 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE78L08 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE78L08 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE78L08 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE78L08 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE78L08 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE78L08 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE78L08 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE78L08 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE78L08 Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
 
                                                                                                                
ACE78LXX
                        Technology
Positive Voltage Regulator
VER 1.2
3
ACE78L06 (Refer to the test circuits, TJ=0~125℃, IO=40mA, VIN=12V, Cin=0.33μF, Co=0.1μF unless otherwise specified)
(Note1)
Symbol
Test Condition
Min
Typ
Max
Unit
A-Rank (3%)
5.82
6.0
6.18
VO
B-Rank (5%)
VIN=12V, IO=40mA, TJ=25℃
8.5V≦VIN≦20V, 1mA≦IO≦40mA
8.5V≦VIN≦Vmax, 1mA≦IO≦70mA
(Note2)
5.70
6.30
V
8.5V≦VIN≦20V, IO=40mA, TJ=25℃
65
175
ΔVO (Line Regulation)
9V≦VIN≦20V, IO=40mA, TJ=25℃
54
125
mV
VIN=12V, 1mA≦IO≦100mA, TJ=25℃
12.8
80
ΔVO (Load Regulation)
VIN=12V, 1mA≦IO≦70mA, TJ=25℃
5.8
40
mV
IQ
VIN=12V, IO=0mA,TJ=25℃
3.9
6.0
mA
VIN=12V, 1mA≦IO≦40mA
0.1
ΔIQ
9V≦VIN≦20V, IO=40mA
1.5
mA
Vn
10Hz≦f≦100KHz
49
μV
RR
10V≦VIN≦20V, IO=40mA, f=120Hz,TJ=25℃
40
46
dB
VD
IO=100mA, TJ=25℃
1.7
V
Δ
VO/ΔTJ
IO=5mA, 0℃≦TJ≦125℃
0.75
mV/℃
ACE78L08 (Refer to the test circuits, TJ=0~125℃, IO=40mA, VIN=14V, Cin=0.33μF, Co=0.1μF unless otherwise specified)
(Note1)
Symbol
Test Condition
Min
Typ
Max
Unit
A-Rank (3%)
7.76
8.0
8.24
VO
B-Rank (5%)
VIN=14V, IO=40mA, TJ=25℃
10.5V≦VIN≦23V, 1mA≦IO≦40mA
10.5V≦VIN≦Vmax, 1mA≦IO≦70mA
(Note2)
7.60
8.40
V
10.5V≦VIN≦23V, IO=40mA, TJ=25℃
10
175
ΔVO (Line Regulation)
11V≦VIN≦23V, IO=40mA, TJ=25℃
8
125
mV
VIN=14V, 1mA≦IO≦100mA, TJ=25℃
15
80
ΔVO (Load Regulation)
VIN=14V, 1mA≦IO≦70mA, TJ=25℃
8
40
mV
IQ
VIN=14V, IO=0mA,TJ=25℃
2.0
5.5
mA
VIN=14V, 1mA≦IO≦40mA
0.1
ΔIQ
11V≦VIN≦23V, IO=40mA
1.5
mA
Vn
10Hz≦f≦100KHz
49
μV
RR
11V≦VIN≦21V, IO=40mA, f=120Hz,TJ=25℃
39
45
dB
VD
IO=100mA, TJ=25℃
1.7
V
Δ
VO/ΔTJ
IO=5mA, 0℃≦TJ≦125℃
0.75
mV/℃


Similar Part No. - ACE78L08

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE78L05S ACE-ACE78L05S Datasheet
409Kb / 6P
   5V 3-Terminal Positive Voltage Regulator
VER1.2
More results

Similar Description - ACE78L08

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
   Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
   Positive-Voltage Regulator
logo
Weitron Technology
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com