Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82724J2182N021 Datasheet(PDF) 7 Page - EPCOS

Part # B82724J2182N021
Description  Power line chokes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82724J2182N021 Datasheet(HTML) 7 Page - EPCOS

  B82724J2182N021 Datasheet HTML 1Page - EPCOS B82724J2182N021 Datasheet HTML 2Page - EPCOS B82724J2182N021 Datasheet HTML 3Page - EPCOS B82724J2182N021 Datasheet HTML 4Page - EPCOS B82724J2182N021 Datasheet HTML 5Page - EPCOS B82724J2182N021 Datasheet HTML 6Page - EPCOS B82724J2182N021 Datasheet HTML 7Page - EPCOS B82724J2182N021 Datasheet HTML 8Page - EPCOS B82724J2182N021 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
10/08
Impedance |Z| versus frequency f
measured with windings in parallel at 20 °C,
typical values
Current derating Iop/IR
versus temperature TA
IND0671-F-E
0
TA
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IR
op
I
80
0
20
40
60
100
C
˚ 140
TR = 40 C
˚
˚
˚
= 45
= 50
= 60
R
TR
T
TR
C
C
C
˚
B82724A/J
Power line chokes
Current-compensated ring core double chokes


Similar Part No. - B82724J2182N021

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82724J2182N021 TDK-B82724J2182N021 Datasheet
803Kb / 9P
   Current-compensated ring core double chokes
More results

Similar Description - B82724J2182N021

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
B82523T0000E005 EPCOS-B82523T0000E005 Datasheet
137Kb / 6P
   Power line chokes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com