Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCV-0-332-10L Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # PCV-0-332-10L
Description  Power Chokes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PCV-0-332-10L Datasheet(HTML) 3 Page - Coilcraft lnc.

  PCV-0-332-10L Datasheet HTML 1Page - Coilcraft lnc. PCV-0-332-10L Datasheet HTML 2Page - Coilcraft lnc. PCV-0-332-10L Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Part
Inductance1
Irms2
DCR max
A max
B max
C ±0.015/0,38
D ±0.004/0,10
number
±10% (µH)
(A)
(Ohms)
(in/mm)
(in/mm)
(in/mm)
(in/mm)
PCV-2 Series
PCV-2-103-05L
10
10.5
0.015
0.61/15,49
0.83/21,08
0.42/10,67
0.042/1,07
PCV-2-103-10L
10
11.8
0.010
0.61/15,49
0.83/21,08
0.50/12,70
0.054/1,37
PCV-2-223-05L
22
7.6
0.020
0.61/15,49
0.83/21,08
0.42/10,67
0.042/1,07
PCV-2-223-10L
22
10.3
0.015
0.86/21,84
0.83/21,08
0.58/14,73
0.054/1,37
PCV-2-473-05L
47
5.0
0.035
0.70/17,78
0.83/21,08
0.48/12,19
0.038/0,97
PCV-2-473-10L
47
9.6
0.020
1.00/25,40
0.83/21,08
0.70/17,78
0.054/1,37
PCV-2-104-03L
100
4.4
0.080
0.84/21,34
0.83/21,08
0.58/14,73
0.031/0,79
PCV-2-104-05L
100
5.6
0.048
0.84/21,34
0.83/21,08
0.70/17,78
0.042/1,07
PCV-2-104-10L
100
10.1
0.032
1.05/26,67
1.10/27,94
0.88/22,35
0.054/1,37
PCV-2-184-05L
180
4.0
0.092
0.80/20,32
0.90/22,86
0.58/14,73
0.035/0,89
PCV-2-184-10L
180
8.0
0.048
1.44/36,58
1.10/27,94
1.05/26,67
0.054/1,37
PCV-2-224-05L
220
6.6
0.075
1.05/26,67
1.10/27,94
0.75/19,05
0.042/1,07
PCV-2-274-03L
270
4.3
0.130
1.00/25,40
0.83/21,08
0.75/19,05
0.035/0,89
PCV-2-274-05L
270
5.2
0.080
1.05/26,67
1.05/26,67
0.80/20,32
0.042/1,07
PCV-2-274-10L
270
7.2
0.060
1.50/38,10
1.10/27,94
1.08/27,43
0.054/1,37
PCV-2-394-05L
390
3.9
0.130
1.10/29,34
0.83/21,08
0.85/21,59
0.038/0,97
PCV-2-564-02L
560
2.6
0.270
0.80/20,32
0.90/22,86
0.57/14,48
0.028/0,71
PCV-2-564-06L
560
4.0
0.170
1.21/30,73
1.10/27,94
0.90/22,86
0.038/0,97
PCV-2-564-08L
560
7.0
0.090
1.50/38,10
1.43/36,32
1.08/27,43
0.054/1,37
PCV-2-684-01L
680
1.3
0.700
0.70/17,78
0.83/21,08
0.50/12,70
0.018/0,46
PCV-2-105-02L
1000
2.3
0.370
1.00/25,40
0.83/21,08
0.72/18,29
0.028/0,71
1. Tested at 15.75 kHz, 0.1 Vrms, with DC bias applied up to the
Irms current.
2. Current that causes a 40°C temperature rise from 25°C ambient.
3. Ambient temperature range: –40°C to +85°C with
Irms current
4. Storage temperature range: Component: –40°C to +125°C
Packaging: –40°C to +80°C
5. Electrical specifications at 25°C.
6. Parts in bold type are included in Coilcraft Designer’s Kit P405.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Document 135-3
Document 135-3
Revised 10/31/08
Power Chokes – Vertical Mount
PCV-0Series
PCV-1Series
PCV-2Series
Terminations: Tin-silver over copper
D
A
B
C
0.22/0.28
5,6/7,1
0.22/0.28
5,6/7,1
A
(winding dia)
B
C
D
0.22/0.28
5,6/7,1
B
A
C
D
Dimensions are in
inches
mm


Similar Part No. - PCV-0-332-10L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCV-0-0050-10 TI1-PCV-0-0050-10 Datasheet
301Kb / 20P
[Old version datasheet]   CURRENT-MODE-PWM CONTROLLER
More results

Similar Description - PCV-0-332-10L

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFRLVO-820K XFMRS-XFRLVO-820K Datasheet
59Kb / 1P
   POWER CHOKES
XFRLVO1-4R7L XFMRS-XFRLVO1-4R7L Datasheet
34Kb / 1P
   POWER CHOKES
XFRLVO-332 XFMRS-XFRLVO-332 Datasheet
48Kb / 1P
   POWER CHOKES
XFRLVO-333 XFMRS-XFRLVO-333 Datasheet
35Kb / 1P
   POWER CHOKES
XFRLVO-333 XFMRS-XFRLVO-333_15 Datasheet
35Kb / 1P
   POWER CHOKES
XFRLVO-332 XFMRS-XFRLVO-332 Datasheet
48Kb / 1P
   POWER CHOKES
XFRLVO-333 XFMRS-XFRLVO-333 Datasheet
35Kb / 1P
   POWER CHOKES
XFRLVO4-101 XFMRS-XFRLVO4-101 Datasheet
33Kb / 1P
   POWER CHOKES
XFRLVO-473 XFMRS-XFRLVO-473 Datasheet
42Kb / 1P
   POWER CHOKES
XFRLVO-332 XFMRS-XFRLVO-332_15 Datasheet
48Kb / 1P
   POWER CHOKES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com