Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE504A18BN+ Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE504A18BN+
Description  Wide Input Voltage Range, 150mA ULDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE504A18BN+ Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE504A18BN+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE504A18BN+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE504A18BN+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE504A18BN+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE504A18BN+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE504A18BN+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE504A18BN+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE504A18BN+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE504A18BN+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 
                                                                                                                  
ACE504A
                        Technology
Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
Description
ACE504A series are positive voltage regulator IC fabricated by high voltage EPNP process.
The ACE504A has features of wide input voltage range and high accuracy, high ripple rejection, low
dropout voltage, low noise, current limit and ultra-low quiescent current which make them ideal for use in
various USB and portable device.
The IC consists of a voltage reference, an error amplifier, a resistor network for setting output voltage, a
current limit circuit for current protection, and a chip enable circuit.
ACE504A has adjustable, 1.8V,3.3V,5.0V fixed voltage versions.
The ACE504A is available in space saving SOT-23-5 an SOT-89-3 packages.
Features
Wide Input Voltage Range: 2.3V to 24V
Wide Output Voltage Range: 1.24V to 22V
Excellent Ripple Rejection: 60dB@ f=1kHz
Low Dropout Voltage: V
DROP=100mV@IOUT=100μA
Low Ground Current
High Output Voltage Accuracy
Compatible with Low ESR Ceramic Capacitor
Excellent Line/ Load Regulation
Thermal Shutdown Function
Application
Battery Powered equipment
Laptop, Palmtops, Notebook Computers
Portable Information Appliances
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Supply Input voltage
VIN
38
V
Enable Input Voltage
VCE
38
V
Output Current
IOUT
250
mA
Lead Temperature (Soldering, 10sec)
TLEAD
260
Operating Junction Temperature
TJ
150
ESD (Machine Mode)
275
V
ESD (Human Body Mode)
2000
V
Storage Temperature Range
TLEAD
-60 to 150
SOT-23-5
250
Thermal Resistance (No Heatsink)
θJA
SOT-89-3
165
/W
Note 1: Stressed greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under “ Recommended Operating Conditions” is not implied. Exposure to “Absolute Maximum Ratings” for extended periods may
affect device reliability.


Similar Part No. - ACE504A18BN+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE500C ACE-ACE500C Datasheet
860Kb / 9P
   300mA Low Consumption Linear Regulator
VER 1.3
ACE500E ACE-ACE500E Datasheet
436Kb / 7P
   Fast Transient Response LDO with Adjustable Output Voltage
VER 1.2
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
ACE501 ACE-ACE501 Datasheet
521Kb / 9P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE501 ACE-ACE501 Datasheet
807Kb / 10P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
More results

Similar Description - ACE504A18BN+

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
AP7387Q DIODES-AP7387Q Datasheet
1Mb / 15P
   AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 150mA ULDO REGULATOR
Rev. 2 - 2 October 2022
AP2205 DIODES-AP2205 Datasheet
1,002Kb / 16P
   WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
November 2020
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
AP7375 DIODES-AP7375 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
Rev. 3 - 2 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com