Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE50523QM+ Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE50523QM+
Description  Low noise 150mA LDO regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE50523QM+ Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE50523QM+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE50523QM+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE50523QM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE50523QM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE50523QM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE50523QM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE50523QM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE50523QM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE50523QM+ Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
 
                                                                                                                      
ACE505
                        Technology
Low noise 150mA LDO regulator
VER 1.2 4
Ripple=0.5Vp-p
Vin=Set Vout+1V
Ilim
Short Current Limit
Vout=0V
20
mA
Rpd
CE Pull down
Resistance
2.0
5.0
10.0
M
Ω
Vceh
CE Input Voltage “H”
1.5
Vin
V
Vcel
CE Input Voltage “L”
0
0.25
V
en
Output Noise
BW=10Hz~100kHz
27
uVrms
Electrical Characteristics by Output Voltage
Dropout Voltage, VDIF (V)
Output Voltage
Vout (V)
Condition
Typ.
Max.
Vout =1.5V
0.38
0.70
Vout = 1.6V
0.36
0.65
Vout = 1.7V
0.34
0.60
1.8
≤ Vout ≤ 2.0
0.32
0.55
2.1
≤ Vout ≤ 2.7
0.28
0.50
2.8
≤ Vout ≤ 4.0
Iout = 120mA
0.22
0.35
Typical Application Circuit
CE
In
ACE505
VDD
VOUT
Out
+
Cap
GND
+
Cap
Application hints:
Note1: Input capacitor (Cin=1uF) is recommended in all application circuit.
Note2: Output capacitor (Cout=1uF/2.2uF) is recommended in all application to assure the stability of
circuit.
Explanation:
ACE505 series is a group of positive voltage output, low noise, low power consumption, low dropout
voltage regulator.
ACE505 can provide output value in the range of 1.2V~5.0V every 0.1V step. It also can be customized
on command.
ACE505 includes high accuracy voltage reference, error amplifier, current limit circuit and output driver
module.


Similar Part No. - ACE50523QM+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE50523QM+H ACE-ACE50523QM+H Datasheet
434Kb / 9P
   Low noise 150mA LDO regulator
VER 1.4
More results

Similar Description - ACE50523QM+

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com