Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI-6886F-M0A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCI-6886F-M0A1E
Description  Intel짰 Celeron짰 M PCI Half-sized SBC with VGA/LVDS/LAN/USB 2.0/SATA and SSD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCI-6886F-M0A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCI-6886F-M0A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCI-6886F-M0A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Slot Single Board Computers
6-40
Board Diagram
Packing List
Part Number
Description
Quantity
1700060202
Y Cable for PS/2 Keyboard, PS/2 Mouse
x 1
1701400452
E-IDE (HDD) cable
x 1
1701340603
FDD cable (600mm)
x 1
1700260250
Parallel port cable
x 1
1700000265
Power cable
x 1
1700001276
ATX feature cable
x 1
9689000002
Jumper pack
x 1
-
Startup manual
x 1
-
Utility CD
x 1
Accessories
Part Number
Description
IPC-644BP-15ZE
4-slot chassis w/ 150W power supply
IPC-6806SB-15ZBE
6-slot chassis w/ 150W power supply
1703100260
USB cable with 2 ports (2.0mm pitch)
CF-HDD-ADP
CompactFlash 50-pin to IDE 44-pin adapter
PCM-231A-00A1E
Audio module with Line-in, Line-out, Mic
1701140201
COM2 cable (2.0mm pitch)
1700001166
COM3 & 4 cable with bracket (2.0mm pitch)
PCI-6886
Ordering Information
Part Number
On board CPU
FE LAN
PCI-6886F-M0A1E
Celeron M 600 MHz
Intel 82551ER
Bracket View
CPU
478 pin Socket
GMCH
200 Pins DDR SDRAM
Dual DDR
SODIMM
CRT Conn.
36Bit
LVDS Conn.
LVDS
FSB 100MHz 4X
HUB Interface
66MHz
6300ESB
40/44 Pin IDE
Conn.
2 Serial ATA
Conn.
SSD
Type II CF
IDE ATA
100/66/33
USB*4
Conn.
COM1&COM2
Conn.
Audio AC97
Conn.
PCI Gold Finger
PCI, 33MHz
Firmware HUB
4 Mbit
W83627HF
Super I/O
COM3&4 Port
LPT Port
FDD Conn.
PS/2&GPIO
Termination
DDR 200/266MHz
LPC, 33MHz
852GME
Intel 82540EM
or 82551ER
DVI Conn.
PCI-6886F-M0A1E


Similar Part No. - PCI-6886F-M0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-6880 ADVANTECH-PCI-6880 Datasheet
148Kb / 2P
   PCI Intel짰 Pentium짰 M/Intel Celeron짰 M Half-sized SBC with VGA/LCD/LVDS/Giga LAN/USB 2.0/SATA and SSD
7-Feb-2007
PCI-6880F-00A1E ADVANTECH-PCI-6880F-00A1E Datasheet
148Kb / 2P
   PCI Intel짰 Pentium짰 M/Intel Celeron짰 M Half-sized SBC with VGA/LCD/LVDS/Giga LAN/USB 2.0/SATA and SSD
7-Feb-2007
PCI-6880F-M0A1E ADVANTECH-PCI-6880F-M0A1E Datasheet
148Kb / 2P
   PCI Intel짰 Pentium짰 M/Intel Celeron짰 M Half-sized SBC with VGA/LCD/LVDS/Giga LAN/USB 2.0/SATA and SSD
7-Feb-2007
PCI-6880F-S1A1E ADVANTECH-PCI-6880F-S1A1E Datasheet
148Kb / 2P
   PCI Intel짰 Pentium짰 M/Intel Celeron짰 M Half-sized SBC with VGA/LCD/LVDS/Giga LAN/USB 2.0/SATA and SSD
7-Feb-2007
PCI-6880FG-00A1E ADVANTECH-PCI-6880FG-00A1E Datasheet
148Kb / 2P
   PCI Intel짰 Pentium짰 M/Intel Celeron짰 M Half-sized SBC with VGA/LCD/LVDS/Giga LAN/USB 2.0/SATA and SSD
7-Feb-2007
More results

Similar Description - PCI-6886F-M0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-6880 ADVANTECH-PCI-6880 Datasheet
148Kb / 2P
   PCI Intel짰 Pentium짰 M/Intel Celeron짰 M Half-sized SBC with VGA/LCD/LVDS/Giga LAN/USB 2.0/SATA and SSD
7-Feb-2007
PCI-6881 ADVANTECH-PCI-6881 Datasheet
372Kb / 2P
   PCI Intel짰 Pentium짰 M/Intel Celeron짰 M PCI Half-sized SBC with VGA/LCD/LVDS/GbE LAN/USB 2.0 and SSD
PCA-6781 ADVANTECH-PCA-6781 Datasheet
1Mb / 2P
   ISA Half-sized SBC, ULV Celeron짰 M, VGA/LVDS/LAN/CFC/USB 2.0
PCI-6873 ADVANTECH-PCI-6873 Datasheet
395Kb / 2P
   AMD Geode??LX800 PCI Half-sized SBC with VGA/LCD/LVDS/LAN/SATA and SSD
PCI-7020 ADVANTECH-PCI-7020_11 Datasheet
1Mb / 2P
   LGA775 Intel짰 Core?? Duo PCI Half-size SBC with VGA/GbE LAN/SATA and SSD
PCM-9387 ADVANTECH-PCM-9387 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 ULV Celeron짰 M, VGA, LVDS, DVI, LAN, USB
09-Nov-2009
PCM-9386 ADVANTECH-PCM-9386 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 ULV Celeron짰 M, VGA, LVDS, LAN, USB, MIO
09-Nov-2009
PCI-7020 ADVANTECH-PCI-7020 Datasheet
345Kb / 2P
   LGA775 Intel짰 Core??2 Duo PCI Half-size SBC with VGA/GbE LAN/SATA/DVI and SSD
15-July-2009
PCM-9388 ADVANTECH-PCM-9388 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 Celeron짰 M, VGA, LCD, LAN , USB, ISA
09-Nov-2009
PCM-9381 ADVANTECH-PCM-9381 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 Pentium짰 M, VGA, LVDS, DVI, LAN, USB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com