Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI-7030VG-00A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCI-7030VG-00A1E
Description  Intel짰 ATOM N270, PCI Half-size SBC with Dual GbE LAN/LVDS/DVI/SATA/6 COM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCI-7030VG-00A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCI-7030VG-00A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCI-7030VG-00A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Slot Single Board Computers
All product specifications are subject to change without notice
Last updated : 24-Mar-2009
Features
PCI-7030
Intel® ATOM N270, PCI Half-size SBC with
Dual GbE LAN/LVDS/DVI/SATA/6 COM
Ultra Low power Fanless ATOM N270 1.6 GHz
One/Dual Gigabit Ethernet
Supports up to 6 COM, 4 x RS-485 w/Auto-Flow control by PCA-COM485
Module
1600 x 1200 @ 24/48 bit LVDS, DVI support
Specifications
Processor System
CPU
Intel ATOM N270 processor 1.6 GHz
FSB
400/533
L2 Cache
512 KB cache
Chipset
Intel 945GSE + Intel ICH7M
BIOS
Award SPI 8 Mb
Bus
PCI
32-bit/ 33 MHz
Memory
Technology
Single Channel DDR2 SODIMM 400/533 MHz
Max. Capacity
2 GB
Socket
Yes
Graphics
Controller
Intel 945GSE integrated
VGA mode: Supports up to QXGA 2048 x 1536 pixels with 32-bit color @ 75 Hz
VRAM
Shared system memory up to 224 MB (DVMT 3.0)
LVDS
Supports 18/36-bit up to UXGA 1600 x 1200
DVI
Maximum pixel lock of 400 MHz up to 2048 x 1536 resolutions @ 75 Hz
Dual Display
VGA, LVDS, DVI
Ethernet
Interface
10/100/1000 Mbps Ethernet
Controller
Intel 82574L
Connector
RJ-45 x 1 for VG ; RJ-45 x 2 for G2
EIDE
Mode
Ultra ATA 100/66/33
Channel
1
SATA (150 MB/s)
Port
2 for SATA1, 150 MB/s
I/O Interface
USB
6 USB2.0 for VG; 5 USB2.0 for G2 480 Mbps; 4 ports onboard and 2 for VG/1 for G2 ports on rear IO
Serial
6 COM (2 x RS-232 onboard, 4 x RS-422/485 w/Auto-flow by PCA-COM485 module)
Parallel
1 (via super I/O)
FDD
1
GPIO
8-bit ; CMOS Level (0 ~ 5 V)
PS/2
6-pin DIN socket on bracket for PS/2 keyboard and mouse (via super I/O)
6-pin (2.54 mm) wafer box connector for keyboard only
Watchdog Timer
Output
System reset
Interval
1 min or 1 sec, Max 65535 min or 65535 sec
Miscellaneous
Audio Output
Intel High Definition audio interface (requires an audio extension module P/N: PCA-AUDIO-HDA1E)
Solid State Disk
CompactFlash socket (Type I/II), shared with secondary IDE
Power Requirement
CPU/RAM
ATOM 1.6G + DDR2 2G (533)
Max
+12 V (0.31 A)
+5 V (2.19 A)
+3.3 V (0A)
+5 VSB (0.04A)
+2 V (0A)
Environment
Temperature
Operating
Non-Operating (Storage)
0 ~ 60° C (32 ~ 140° F) (operation humidity:
40° C @ 85% RH Non-Condensing)
-40° C ~ 85° C and 60° C @ 95% RH Non-
Condensing
Physical
Dimensions
185 mm (L) x 122 mm (W) (7.3" x 4.8")
NEW


Similar Part No. - PCI-7030VG-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-7030VG-00A1E ADVANTECH-PCI-7030VG-00A1E Datasheet
1Mb / 2P
   Intel짰 Atom??N270 PCI Half-size SBC with Dual GbE LAN/LVDS/DVI/SATA/6 COM
More results

Similar Description - PCI-7030VG-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-7030 ADVANTECH-PCI-7030_11 Datasheet
1Mb / 2P
   Intel짰 Atom??N270 PCI Half-size SBC with Dual GbE LAN/LVDS/DVI/SATA/6 COM
PCI-7031DF-S6A1E ADVANTECH-PCI-7031DF-S6A1E Datasheet
1Mb / 2P
   Intel짰 Atom??N450/D510 PCI Half-size SBC with Onboard DDR2/VGA/LVDS/Dual GbE/SATA/COM
PCI-7031 ADVANTECH-PCI-7031_12 Datasheet
2Mb / 2P
   Intel짰 Atom??N450/D510 PCI Half-size SBC with Onboard DDR2/VGA/LVDS/Dual GbE/SATA/COM
PCI-7031 ADVANTECH-PCI-7031_V01 Datasheet
574Kb / 2P
   Intel짰 Atom??N450/D510 PCI Half-size SBC with Onboard DDR2/VGA/LVDS/Dual GbE/SATA/COM
9-Apr-2018
PCI-7031D-S6A1E ADVANTECH-PCI-7031D-S6A1E Datasheet
1Mb / 2P
   Intel짰 Atom??N450/D510 PCI Half-size SBC with Onboard DDR2/VGA/LVDS/Dual GbE/SATA/COM
PCM-9361 ADVANTECH-PCM-9361_12 Datasheet
1Mb / 2P
   Intel짰 Atom??N270 3.5" SBC, Dual LVDS, TTL, VGA, GbE, USB, SATA, PCI-104
PCI-7031 ADVANTECH-PCI-7031 Datasheet
858Kb / 2P
   Intel짰 Atom N450/D510, PCI Half-Sized SBC with On-board DDR2/VGA/LVDS/Dual GbE/SATA/COM
20-Jan-2010
PCA-6782 ADVANTECH-PCA-6782 Datasheet
2Mb / 2P
   Intel짰 Atom N455/D525 ISA Half-size SBC with VGA/LVDS/GbE LAN/SATA/COM/CFC/ FDD and PC/104
PCI-7020 ADVANTECH-PCI-7020 Datasheet
345Kb / 2P
   LGA775 Intel짰 Core??2 Duo PCI Half-size SBC with VGA/GbE LAN/SATA/DVI and SSD
15-July-2009
AIMB-210_1206 ADVANTECH-AIMB-210_1206 Datasheet
1Mb / 2P
   Intel짰 Atom??N270 Mini-ITX with CRT/LVDS, 6 COM, and Dual LAN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com