Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE507A37AMB+ Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE507A37AMB+
Description  Precise Low Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE507A37AMB+ Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE507A37AMB+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE507A37AMB+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE507A37AMB+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE507A37AMB+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE507A37AMB+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE507A37AMB+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE507A37AMB+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE507A37AMB+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE507A37AMB+ Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
  
                                                                                                                 
ACE507A
                        Technology
Precise Low Dropout Voltage Regulator
VER 1.6
3
Electrical Characteristics
(TA=25℃, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Test
Circui
t
Min
Typ
Max
Units
VIN
Input Voltage
1.8
6
V
SOT-23-3
8
ISS
Supply
Current
VIN=VOUT+1.0V
SOT-89-3
2
20
50
μA
VOUT
Output
Voltage
VIN=VOUT+1.0V, IOUT=40mA
1
VOUT(T)
*0.98
VOUT(T)
VOUT(T)
*1.02
V
IOUT
Output Current
VIN≧VOUT+1.0V
1
300
mA
1.5V≦VOUT≦2.5V
0.51
0.75
2.6V≦VOUT≦3.3V
0.16
0.24
VDROP
Dropout
Voltage
IOUT=
100mA
3.4V≦VOUT≦5.0V
0.12
0.20
V
ΔVOUT /
ΔVIN•VOU
T
Lin
Regulations
VOUT+0.5V≦VIN≦5.5V
IOUT=80mA
0.05
0.3
%/V
ΔVOUT
Load
Regulations
VIN=VOUT+1.0V
1.0mA≦IOUT≦80mA
20
40
mV
ΔVOUT /
ΔTA•VOU
T
Output
Voltage
Temperature
Characteristi
cs
VIN=VOUT+1.0V, IOUT=10mA
1
±100
ppm/
IRRI
Ripple
Rejection
VIN=VOUT+1.0V, F=120Hz
VRIP=1VRMS, IOUT=30mA
1
62
dB
ISHORT
Short current
VIN=VOUT+1.0V
1
30
mA
IOUT
Maximum
Output
Current
VIN=VOUT+1.0V, VOUT>2.5V
1
350
mA
Note 1. VOUT(T)=Specified output Voltage
Note 2. VOUT(E)=Effective output Voltage (i.e. the output voltage when “VOUT(T)+.0V” is provided at the VIN pin while maintaining a
certain IOUT value)
Note 3. VDROP={VIN1(note5)-VOUT1(note4)}
Note 4. VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT(VOUT(T)+1.0V)is input.
Note 5. VIN1=The voltage when VOUT=VOUT1


Similar Part No. - ACE507A37AMB+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE507A33AMA+H ACE-ACE507A33AMA+H Datasheet
557Kb / 9P
   Precise Low Dropout Voltage Regulator
VER 1.7
ACE507A33AMB+H ACE-ACE507A33AMB+H Datasheet
557Kb / 9P
   Precise Low Dropout Voltage Regulator
VER 1.7
ACE507A33BM+H ACE-ACE507A33BM+H Datasheet
557Kb / 9P
   Precise Low Dropout Voltage Regulator
VER 1.7
More results

Similar Description - ACE507A37AMB+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE507A ACE-ACE507A_14 Datasheet
639Kb / 8P
   Precise Low Dropout Voltage Regulator
VER 2.0
ACE507A ACE-ACE507A_11 Datasheet
557Kb / 9P
   Precise Low Dropout Voltage Regulator
VER 1.7
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com