Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM-9581Z-M0A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCM-9581Z-M0A1E
Description  Onboard Intel짰 Pentium짰 M CPU 5.25" SBC with LAN/LVDS/VGA/Audio/6 x USB 2.0/4 x COM/Wide Temperature
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-9581Z-M0A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCM-9581Z-M0A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCM-9581Z-M0A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Single Board Computers
Features
PCM-9581
Onboard Intel® Pentium® M CPU 5.25" SBC
with LAN/LVDS/VGA/Audio/6 x USB 2.0/
4 x COM/Wide Temperature
Intel® Pentium® M/Intel Celeron® M
Supports ECC DDR Memory 128 MB to 2 GB, accepts 128/256/512/1024 MB
DDR200/266/333 DRAM
With Vcore 2 phase design for more stable system design
Supports up to 1000Base-T Ethernet
Supports six USB 2.0 ports, four COM, 8bit GPIO
Supports up to two channel 36-bit LVDS interface
Supports enhanced Intel Speedstep® Technology
Wide temperature optional
ATX power
connector
Socket 478
support Pentium M
@ 400MHz FSB
36-bit
LVDS
KB/Mouse
CRT
TV-out
Audio
6 USB
1st IDE
LPT
2nd IDE
Ethernet
PCI
GPIO
2 x DIMM
4 COM
Specifications
Processor System
CPU
Intel Pentium M 1.1 GHz, LV Pentium M 1.4 GHz, Celeron M 600 MHz, uFCPGA2 (478-pin)
Front Side Bus
400/533 MHz
L2 Cache
512 KB ~ 2 MB
Chipset
Intel 855GME/GMCH + ICH4
BIOS
Award 4 Mbit
Memory
Technology
DDR 200/266/333
Max. Capacity
2 GB
Socket
2 x 184-pin DIMM
SSD
CompactFlash
Card Type I, Type II (shared 2nd IDE Channel)
I/O Interface
LPT
1
FDD
1 (optional)
RS-232
3
RS-232/422/485
1
K/B
1
Mouse
1
USB
6 x USB 2.0
Audio
AC97, Speaker out, CD-input, Line-in, Line-out, Mic-in
GPIO
8-bit general purpose input/output
SMBus
-
IrDA
115 kbps
EIDE
Mode
UDMA 100
Channel
2
Expansion Slot
PCI
1
miniPCI
1
Ethernet
Speed
10/100Mbps (PCM-9581F); 10/100/1000Mbps (PCM-9581FG)
Controller
Intel 82551ER, optional 82551QM, 82541PI (GbE)
Interface
RJ-45 by cable
Display
Controller
Intel 855GME
VRAM
Optimized Shared Memory Architecture up to 32 MB system memory
LVDS LCD
1 x 36-bit LVDS
TV-Out
Supports both NTSC/PAL, S-video and Composite Video
Dual Independent Display
CRT + LVDS, CRT + DVI
Environment
Operation Temperature
0 ~ 60° C (32 ~ 140° F)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Power
Power Type
AT / ATX
Power Supply Voltage
+5 V ±5%, +12 V ±5%
Power Consumption: Typical
Average: +5 V @ 3.22 A, +12 V 0.2 A(Pentium M 1.6 G, 256 M DDR 300)
Power Consumption:
Max, test in HCT
Max: +5 V @ 3.8 A, +12 V @ 0.4 A(Pentium M 1.6 G, 256 M DDR 300)
Power Management
APM, ACPI
Battery
Lithium 3 V / 196 mAH
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec
Physical Characteristics
Dimensions (L x W)
203 x 146 mm (8" x 5.75")
Weight
0.85 kg (1.87 lb) (weight of total package)
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - PCM-9581Z-M0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9582 ADVANTECH-PCM-9582 Datasheet
403Kb / 2P
   Onboard Intel짰 Pentium짰 M EBX SBC with LAN/LVDS/DVI/VGA/Audio/4 COM/4 USB/2 SATA/PC/104
PCM-9582F-00A2E ADVANTECH-PCM-9582F-00A2E Datasheet
403Kb / 2P
   Onboard Intel짰 Pentium짰 M EBX SBC with LAN/LVDS/DVI/VGA/Audio/4 COM/4 USB/2 SATA/PC/104
PCM-9582F-M0A2E ADVANTECH-PCM-9582F-M0A2E Datasheet
403Kb / 2P
   Onboard Intel짰 Pentium짰 M EBX SBC with LAN/LVDS/DVI/VGA/Audio/4 COM/4 USB/2 SATA/PC/104
PCM-9582F-S0A2E ADVANTECH-PCM-9582F-S0A2E Datasheet
403Kb / 2P
   Onboard Intel짰 Pentium짰 M EBX SBC with LAN/LVDS/DVI/VGA/Audio/4 COM/4 USB/2 SATA/PC/104
PCM-9582F-S4A2E ADVANTECH-PCM-9582F-S4A2E Datasheet
403Kb / 2P
   Onboard Intel짰 Pentium짰 M EBX SBC with LAN/LVDS/DVI/VGA/Audio/4 COM/4 USB/2 SATA/PC/104
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com