Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM-9586 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCM-9586
Description  Intel짰 Celeron짰 M Processor 5.25" SBC with LAN/LVDS/Audio
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-9586 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCM-9586 Datasheet HTML 1Page - Advantech Co., Ltd. PCM-9586 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Board Diagram
Ordering Information
Part No.
CPU
L2
Cache CRT LVDS
TV
out
10/100
LAN
Audio USB2.0 RS-232 RS-232/
422/485
LPT/
FDD/
KB/MS
CF
PCISlot Mini
PCI
Thermal
Solution
Operating
Temp.
PCM-9586F-M0A1E Celeron M
600 MHz
512 KB Yes
36-bit
Yes 1
Yes
6
3
1
Yes
Yes
1
1
Passive
0 ~ 60° C
PCM-9586F-S0A1E
Celeron M
1.0 GHz
0 KB
Yes
36-bit
Yes 1
Yes
6
3
1
Yes
Yes
1
1
Passive
0 ~ 60° C
Celeron M
600 MHz
512 KB Yes
36-bit
Yes 1
Yes
6
3
1
Yes
Yes
1
1
Passive
-20 ~ 80° C
Celeron M
600 MHz
512 KB Yes
36-bit
Yes 1
Yes
6
3
1
Yes
Yes
1
1
Passive
-40 ~ 85° C
Celeron M
1 GHz
0 KB
Yes
36-bit
Yes 1
Yes
6
3
1
Yes
Yes
1
1
Passive
-20 ~ 80° C
Note1: 48-bit LVDS possible but needs confirmation with AE for evaluation
Note2: For wide temperature, please contact sales rep.
PCM-9586
Analog CRT
LVDS BUS
SDVO BUS
DDR 200/266
IPC
COM
3/4
Intel
Celeron M
processor
852 GM
DDR
DIMM
TV Connector
DVI Connector
LVDS Connector
VGA Connector
Codec
ICH 4
Super
I/O
Super
I/O
KB/
Mouse
COM
3/4
FDD
LPT
6 USB2.0
Audio
Audio
codec
CF
IDE
Mini PCI
Connector
LAN
chip
LAN
Connector
PCI Slot
Optional Accessories
Part No.
Description
PCM-10586-6100E
Wiring kit for PCM-9581F/PCM-9586
CF-HDD-ADP
CompactFlash 50-pin to IDE 44-pin adapter
1703050306
TV-Out cable
1703100260
USB cable (26 cm)
PCM-110-00A3E
1-slot PCI riser card for 5.25" biscuits
PCM-120-00A3E
2-slot PCI riser card for 5.25" biscuits
MIO-3120-00A1E
Mini PCI interface to Wireless 802.11 b/g communication
module
MIO-3121-00A1E
Mini PCI to 4 COM Module
MIO-3130-00A1E
Mini PCI Interface to Dual LAN Communication Module
MIO-3150-00A1E
Mini PCI interface to video capture module
Packing List
Part No.
Description
1 x PCM-9586 SBC
9689000002
1 x Mini Jumper Pack
1 x Startup Manual
1 x Utility CD
1700001112
1 x WIRE ATX-20P (M)/12P (F)+3P-2.0 mm 15 cm


Similar Part No. - PCM-9586

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9581 ADVANTECH-PCM-9581 Datasheet
400Kb / 2P
   Onboard Intel짰 Pentium짰 M CPU 5.25" SBC with LAN/LVDS/VGA/Audio/6 x USB 2.0/4 x COM/Wide Temperature
PCM-9581F-00A1E ADVANTECH-PCM-9581F-00A1E Datasheet
400Kb / 2P
   Onboard Intel짰 Pentium짰 M CPU 5.25" SBC with LAN/LVDS/VGA/Audio/6 x USB 2.0/4 x COM/Wide Temperature
PCM-9581F-M0A1E ADVANTECH-PCM-9581F-M0A1E Datasheet
400Kb / 2P
   Onboard Intel짰 Pentium짰 M CPU 5.25" SBC with LAN/LVDS/VGA/Audio/6 x USB 2.0/4 x COM/Wide Temperature
PCM-9581F-S1A1E ADVANTECH-PCM-9581F-S1A1E Datasheet
400Kb / 2P
   Onboard Intel짰 Pentium짰 M CPU 5.25" SBC with LAN/LVDS/VGA/Audio/6 x USB 2.0/4 x COM/Wide Temperature
PCM-9581F-S4A1E ADVANTECH-PCM-9581F-S4A1E Datasheet
400Kb / 2P
   Onboard Intel짰 Pentium짰 M CPU 5.25" SBC with LAN/LVDS/VGA/Audio/6 x USB 2.0/4 x COM/Wide Temperature
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com