Electronic Components Datasheet Search |
|
DL-5320-C370-XFS Datasheet(PDF) 1 Page - Optoway Technology Inc |
|
DL-5320-C370-XFS Datasheet(HTML) 1 Page - Optoway Technology Inc |
1 / 4 page Optoway DL-5300-CXX0 ******************************************************************************************************************************************************** ******************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 4/15/2009 V3.0 1270 nm ~ 1610 nm DFB LD MODULES DL-5300-CXX0 SERIES CWDM MQW-DFB LD PIGTAIL ******************************************************************************************************************************************************* FEATURES 18-wavelength CWDM: from 1270 nm to 1610 nm, each Step 20 nm High reliability, long operation life 0 ºC ~+70 ºC operation Single frequency operation with high SMSR Build-in InGaAs monitor Build-in single stage isolator APPLICATION OC-3, OC-12 and Gigabit CWDM Optical communication system DESCRIPTION DL-5300-CXX0 series are MQW-DFB laser diodes that provide a durable, single frequency oscillation with emission wavelength from 1270 nm to 1610 nm CWDM, each step 20 nm. ELECTRICAL AND OPTICAL CHARACTERISTICS (TC=25 °C) Symbol Parameter Test Conditions Min. Typ. Max. Unit Ith Threshold Current CW 10 20 mA IOP Operating Current CW, Ith+20mA 35 50 mA VOP Operating Voltage CW, Ith+20mA 1.2 1.5 V Pf Optical Output Power Part No:DL-532XX-CXX0 DL-533XX-CXX0 DL-534XX-CXX0 CW, IF= Ith+20mA 1.0 2.0 3.0 2.0 3.0 - mW λc Center Wavelength CW, Ith+20mA λ-3 λ λ+2 nm SMSR Side Mode Suppression Ratio CW, Ith+20mA 30 35 dB t r, t f Rise And Fall Times Part No:DL-53XX-CXX0 DL-53XXS-CXX0 IF=Ith, Ith+20mA,20~ 80% 226 150 ps ΔP f / P f Tracking Error APC, 0~+70 ºC -1.5 1.5 dB Im PD Monitor Current CW, Ith+20mA,VRD=1V 50 μA ID PD Dark Current VRD=5V 10 nA Ct PD Capacitance VRD=5V, f=1MHz 10 15 pF Note: Central CWDM wavelength is from 1270 nm to 1610 nm, each step 20 nm. ABSOLUTE MAXIMUM RATINGS (TC=25 ºC) Symbol Parameter Ratings Unit Po Optical Output Power (532XX/533XX/534XX) 1.5/3/4 mW VRL LD Reverse Voltage 2 V VRD PD Reverse Voltage 10 V IFD PD Forward Current 1.0 mA Topr Operating Temperature 0~+70 ºC Tstg Storage Temperature -40~+85 ºC |
Similar Part No. - DL-5320-C370-XFS |
|
Similar Description - DL-5320-C370-XFS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |